Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46116V Datasheet (PDF) - Renesas Technology Corp

SLG46116V Datasheet PDF - Renesas Technology Corp
Part # SLG46116V
Download  SLG46116V Download
File Size   1477.06 Kbytes
Page   90 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Programmable Mixed-signal Matrix with P-FET Power Switch w/o Discharge

SLG46116V Datasheet (PDF)

Go To PDF Page Download Datasheet
SLG46116V Datasheet PDF - Renesas Technology Corp

Part # SLG46116V
Download  SLG46116V Click to download

File Size   1477.06 Kbytes
Page   90 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Programmable Mixed-signal Matrix with P-FET Power Switch w/o Discharge

SLG46116V Datasheet (HTML) - Renesas Technology Corp


SLG46116V Product details

Features
• Logic & Mixed Signal Circuits
• Highly Versatile Macrocells
• Read Back Protection (Read Lock)
• 1.8 V (±5 %) to 5 V (±10 %) Supply
• Operating Temperature Range -40 °C to 85 °C
• Soft-Start 1.25 A (@VIN = 3.3 V) P-FET Power Switch
• Package
• 1.6 x 2.5 x 0.55 mm STQFN 14L package
• Pb-Free / Halogen-Free / RoHS compliant




Similar Part No. - SLG46116V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG46116V DIALOG-SLG46116V Datasheet
901Kb / 88P
Soft-Start 1.25 A P-FET Power Switch
logo
Renesas Technology Corp
SLG46116V RENESAS-SLG46116V Datasheet
3Mb / 90P
Programmable Mixed-signal Matrix with P-FET Power Switch w/o Discharge
Revised March 4, 2022
SLG46116V RENESAS-SLG46116V Datasheet
386Kb / 2P
GreenPAK DIP Adapter
17-Mar-2022
logo
Dialog Semiconductor
SLG46116VTR DIALOG-SLG46116VTR Datasheet
901Kb / 88P
Soft-Start 1.25 A P-FET Power Switch
logo
Renesas Technology Corp
SLG46116VTR RENESAS-SLG46116VTR Datasheet
3Mb / 90P
Programmable Mixed-signal Matrix with P-FET Power Switch w/o Discharge
Revised March 4, 2022
More results


Similar Description - SLG46116V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG46536 DIALOG-SLG46536 Datasheet
1Mb / 165P
Programmable Mixed-signal Matrix
SLG46533 DIALOG-SLG46533 Datasheet
1Mb / 185P
GreenPAK Programmable Mixed-signal Matrix
SLG46811 DIALOG-SLG46811 Datasheet
2Mb / 171P
GreenPAK Programmable Mixed-Signal Matrix
SLG46855 DIALOG-SLG46855 Datasheet
1Mb / 200P
GreenPAK Programmable Mixed-Signal Matrix
logo
Renesas Technology Corp
SLG46116 RENESAS-SLG46116 Datasheet
3Mb / 90P
Programmable Mixed-signal Matrix with P-FET Power Switch w/o Discharge
Revised March 4, 2022
SLG46117 RENESAS-SLG46117 Datasheet
3Mb / 91P
Programmable Mixed-signal Matrix with P-FET Power Switch with Discharge
Revised March 4, 2022
SLG46127 RENESAS-SLG46127 Datasheet
8Mb / 94P
Programmable Mixed-signal Matrix with Dual 44 mΩ / 2 A P-FET
Revised March 4, 2022
SLG46110 RENESAS-SLG46110 Datasheet
3Mb / 84P
Programmable Mixed Signal Matrix
March 9, 2023
SLG46811 RENESAS-SLG46811 Datasheet
2Mb / 172P
GreenPAK Programmable Mixed-Signal Matrix
27-Feb-2023
SLG46867 RENESAS-SLG46867 Datasheet
6Mb / 209P
GreenPAK Programmable Mixed-Signal Matrix with Dual 44 mW/2 A P-FET
28-Feb-2023
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com