Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS92001 Datasheet (PDF) - Texas Instruments

DS92001 Datasheet PDF - Texas Instruments
Part # DS92001
Download  DS92001 Download
File Size   601.34 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS92001 3.3V B/LVDS-BLVDS Buffer

DS92001 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS92001 Datasheet PDF - Texas Instruments

Part # DS92001
Download  DS92001 Click to download

File Size   601.34 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS92001 3.3V B/LVDS-BLVDS Buffer

DS92001 Datasheet (HTML) - Texas Instruments


DS92001 Product details

FEATURES
• Single +3.3 V Supply
• Receiver Inputs Accept LVDS/CML/LVPECL
Signals
• TRI-STATE Outputs
• Receiver Input Threshold < ±100 mV
• Fast Propagation Delay of 1.4 ns (typ)
• Low Jitter 400 Mbps Fully Differential Data
Path
• Compatible with BLVDS 10-bit SerDes (40MHz)
• Compatible with ANSI/TIA/EIA-644-A LVDS
Standard
• Available in SOIC and Space Saving WSON
Package
• Industrial Temperature Range

DESCRIPTION
The DS92001 B/LVDS-BLVDS Buffer takes a BLVDS
input signal and provides a BLVDS output signal. In
many large systems, signals are distributed across
backplanes. One of the limiting factors for system
speed is the "stub length" or the distance between
the transmission line and the unterminated receivers
on individual cards. Although it is generally
recognized that this distance should be as short as
possible to maximize system performance, real-world
packaging concerns often make it difficult to make the
stubs as short as the designer would like.
The DS92001 has edge transitions optimized for
multidrop backplanes where the switching frequency
is in the 200 MHz range or less. The output edge rate
is critical in some systems where long stubs may be
present, and utilizing a slow transition allows for
longer stub lengths.
The DS92001, available in the WSON package, will
allow the receiver inputs to be placed very close to
the main transmission line, thus improving system
performance.
A wide input dynamic range allows the DS92001 to
receive differential signals from LVPECL, CML as
well as LVDS sources. This will allow the device to
also fill the role of an LVPECL-BLVDS or CMLBLVDS
translator.




Similar Part No. - DS92001

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS92001 NSC-DS92001 Datasheet
257Kb / 12P
3.3V B/LVDS-BLVDS Buffer
DS92001 NSC-DS92001 Datasheet
642Kb / 12P
3.3V B/LVDS-BLVDS Buffer
logo
Texas Instruments
DS92001 TI-DS92001 Datasheet
897Kb / 17P
DS92001 3.3V B/LVDS-BLVDS Buffer
logo
National Semiconductor ...
DS92001TLD NSC-DS92001TLD Datasheet
257Kb / 12P
3.3V B/LVDS-BLVDS Buffer
DS92001TLD NSC-DS92001TLD Datasheet
642Kb / 12P
3.3V B/LVDS-BLVDS Buffer
More results


Similar Description - DS92001

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV001 NSC-DS90LV001 Datasheet
396Kb / 13P
3.3V LVDS-LVDS Buffer
DS92001 NSC-DS92001 Datasheet
257Kb / 12P
3.3V B/LVDS-BLVDS Buffer
DS92001 NSC-DS92001_06 Datasheet
642Kb / 12P
3.3V B/LVDS-BLVDS Buffer
logo
Golledge Electronics Lt...
GXO-L71 GOLLEDGE-GXO-L71_06 Datasheet
97Kb / 2P
3.3V LVDS Oscillator
logo
Texas Instruments
DS92001 TI-DS92001 Datasheet
897Kb / 17P
DS92001 3.3V B/LVDS-BLVDS Buffer
logo
Micrel Semiconductor
SY75576L MICREL-SY75576L Datasheet
682Kb / 11P
267MHz 1:4 3.3V HCSL/LVDS Fanout Buffer
logo
Asahi Kasei Microsystem...
AK8181G AKM-AK8181G Datasheet
585Kb / 10P
3.3V LVDS 1:4 Clock Fanout Buffer
AK8181F AKM-AK8181F Datasheet
654Kb / 12P
3.3V LVDS 1:4 Clock Fanout Buffer
logo
Texas Instruments
DS92CK16 TI1-DS92CK16_14 Datasheet
919Kb / 17P
3V BLVDS 1 to 6 Clock Buffer/Bus Transceiver
logo
Microchip Technology
SY75572L MICROCHIP-SY75572L Datasheet
3Mb / 20P
267 MHz 1:2 3.3V HCSL/LVDS Fanout Buffer
Revision A (March 2022)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com