Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA166 Datasheet (PDF) - Texas Instruments

INA166 Datasheet PDF - Texas Instruments
Part # INA166
Download  INA166 Download
File Size   254.48 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Low-Noise, Low-Distortion, G = 2000 INSTRUMENTATION AMPLIFIER

INA166 Datasheet (PDF)

Go To PDF Page Download Datasheet
INA166 Datasheet PDF - Texas Instruments

Part # INA166
Download  INA166 Click to download

File Size   254.48 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Low-Noise, Low-Distortion, G = 2000 INSTRUMENTATION AMPLIFIER

INA166 Datasheet (HTML) - Texas Instruments


INA166 Product details

FEATURES
LOW NOISE: 1.3nV/√Hz at 1kHz
LOW THD+N: 0.09% at 1kHz
WIDE BANDWIDTH: 450kHz
WIDE SUPPLY RANGE: ±4.5V to ±18V
HIGH CMR: > 100dB
GAIN SET WITH EXTERNAL RESISTOR
SO-14 SURFACE-MOUNT PACKAGE

APPLICATIONS
MOVING-COIL TRANSDUCER AMPLIFIERS
DIFFERENTIAL RECEIVERS
BRIDGE TRANSDUCER AMPLIFIERS
MICROPHONE AND HYDROPHONE
PREAMPS

DESCRIPTION
The INA166 is a very low-noise, low-distortion, monolithic
instrumentation amplifier. Its current-feedback
circuitry achieves very wide bandwidth and excellent
dynamic response over a wide range of gain. It is ideal
for low-level signals such as microphones or hydrophones.
Many industrial, instrumentation, and medical
applications also benefit from its low noise and wide
bandwidth.
Unique distortion cancellation circuitry reduces distortion
to extremely low levels, even in high gain.
The INA166 provides near-theoretical noise performance
for 200Ω source impedance. Its differential
input, low noise, and low distortion provide superior
performance as a low-level signal amplifier.
The INA166 is available in a space-saving SO-14
surface-mount package, specified for operation over
the –40°C to +85°C temperature range.




Similar Part No. - INA166

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA166 TI-INA166 Datasheet
148Kb / 9P
Low-Noise, Low-Distortion, G = 2000 INSTRUMENTATION AMPLIFIER
INA166UA TI-INA166UA Datasheet
148Kb / 9P
Low-Noise, Low-Distortion, G = 2000 INSTRUMENTATION AMPLIFIER
INA166UA TI-INA166UA Datasheet
147Kb / 9P
Low-Noise, Low-Distortion, G = 2000 INSTRUMENTATION AMPLIFIER
INA166UA TI1-INA166UA Datasheet
333Kb / 11P
Low-Noise, Low-Distortion, G = 2000 INSTRUMENTATION AMPLIFIER
INA166UA/2K5 TI-INA166UA/2K5 Datasheet
148Kb / 9P
Low-Noise, Low-Distortion, G = 2000 INSTRUMENTATION AMPLIFIER
More results


Similar Description - INA166

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA103 BURR-BROWN-INA103 Datasheet
297Kb / 12P
Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA166 TI-INA166 Datasheet
148Kb / 9P
Low-Noise, Low-Distortion, G = 2000 INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA163 BURR-BROWN-INA163 Datasheet
250Kb / 11P
Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER
INA103 BURR-BROWN-INA103_07 Datasheet
282Kb / 14P
Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
INA163 BURR-BROWN-INA163_06 Datasheet
249Kb / 11P
Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA166 TI-INA166_06 Datasheet
147Kb / 9P
Low-Noise, Low-Distortion, G = 2000 INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8428 AD-AD8428 Datasheet
378Kb / 20P
Low Noise, Low Gain Drift, G = 2000 Instrumentation Amplifier
REV. 0
logo
Texas Instruments
INA103AG TI1-INA103AG Datasheet
785Kb / 17P
Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
INA217 TI1-INA217 Datasheet
966Kb / 25P
Low-Noise, Low-Distortion Instrumentation Amplifier Replacement
INA166 TI1-INA166_08 Datasheet
333Kb / 11P
Low-Noise, Low-Distortion, G = 2000 INSTRUMENTATION AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com