Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA166 Datasheet(PDF) 7 Page - Texas Instruments

Part # INA166
Description  Low-Noise, Low-Distortion, G = 2000 INSTRUMENTATION AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA166 Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA166 Datasheet HTML 3Page - Texas Instruments INA166 Datasheet HTML 4Page - Texas Instruments INA166 Datasheet HTML 5Page - Texas Instruments INA166 Datasheet HTML 6Page - Texas Instruments INA166 Datasheet HTML 7Page - Texas Instruments INA166 Datasheet HTML 8Page - Texas Instruments INA166 Datasheet HTML 9Page - Texas Instruments INA166 Datasheet HTML 10Page - Texas Instruments INA166 Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
INA166
7
SBOS178
FIGURE 3. Offset Voltage Adjustment Circuit.
OFFSET VOLTAGE TRIM
A variable voltage applied to pin 10, as shown in Figure 3, can
be used to adjust the output offset voltage. A voltage applied
to pin 10 is summed with the output signal. An op amp
connected as a buffer is used to provide a low impedance at
pin 10 to assure good common-mode rejection.
FIGURE 4. Buffer for Increase Output Current.
INA166
V+
V–
V
O
V+
150
Ω
10k
Ω
150
Ω
100
µA
100
µA
8
4
3
12
5
10
11
6
9
V–
OPA237
OUTPUT SENSE
An output sense terminal allows greater gain accuracy in
driving the load. By connecting the sense connection at the
load, I • R voltage loss to the load is included inside the
feedback loop. Current drive can be increased by connecting
a buffer amp inside the feedback loop, as shown in Figure 4.
+15V
–15V
V
O
±250mA
Output Drive
BW
BUF634 connected
for wide bandwidth.
8
11
6
10
9
INA166
BUF634
Sense
4
3
12
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com