Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA166 Datasheet(PDF) 6 Page - Texas Instruments

Part # INA166
Description  Low-Noise, Low-Distortion, G = 2000 INSTRUMENTATION AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA166 Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA166 Datasheet HTML 2Page - Texas Instruments INA166 Datasheet HTML 3Page - Texas Instruments INA166 Datasheet HTML 4Page - Texas Instruments INA166 Datasheet HTML 5Page - Texas Instruments INA166 Datasheet HTML 6Page - Texas Instruments INA166 Datasheet HTML 7Page - Texas Instruments INA166 Datasheet HTML 8Page - Texas Instruments INA166 Datasheet HTML 9Page - Texas Instruments INA166 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
INA166
6
SBOS178
FIGURE 2. Input Stabilization Network.
APPLICATIONS INFORMATION
Figure 1 shows the basic connections required for operation.
Power supplies should be bypassed with 0.1
µF tantalum capaci-
tors near the device pins. The output Sense (pin 8) and output
Reference (pin 10) should be low-impedance connections. Re-
sistance of greater than 5
Ω in series with these connections will
degrade the common-mode rejection of the INA166.
GAIN
Gain of the INA166 is internally set for G = 2000. Input stage
(A1, A2) gain is 200 and the output stage gain (A3) is 10.
Internal resistor values are laser trimmed for accurate ratios to
achieve excellent gain accuracy and common-mode rejection,
but absolute resistor values are approximately
±20%. Nominal
resistor values are shown.
Although the INA166 is primarily intended for fixed-gain
applications, the gain can be increased by connecting a gain-
set resistor, RG, between pin 3 and pin 12 The nominal gain
will be:
G
R
G
=+
2000
60000
Accuracy of the 60000 term in this equation is approxi-
mately
±20%. The stability and temperature drift of R
G
contributes to the overall gain accuracy and these effects can
be inferred from this gain equation.
NOISE PERFORMANCE
The INA166 provides very low-noise with low-source im-
pedance. Its 1.3nV/
√Hz voltage noise delivers near-theoreti-
cal noise performance with a source impedance of 200
Ω.
FIGURE 1. Basic Circuit Connections.
The input stage design used to achieve this low noise, results
in relatively high input bias current and input bias current
noise. As a result, the INA166 may not provide the best
noise performance with a source impedance greater than
10k
Ω. For source impedance greater than 10kΩ, other in-
strumentation amplifiers may provide improved noise per-
formance.
INPUT CONSIDERATIONS
Very low source impedance (less than 10
Ω) can cause the
INA166 to oscillate. This depends on circuit layout, signal
source, and input cable characteristics. An input network
consisting of a small inductor and resistor, as shown in
Figure 2, can greatly reduce any tendency to oscillate. This
is especially useful if a variety of input sources are to be
connected to the INA166. Although not shown in other
figures, this network can be used as needed with all applica-
tions shown.
V+
V–
V
O
11
6
V
IN
–
V
IN
+
INA166
47
Ω
47
Ω
1.2
µH
1.2
µH
8
4
3
12
5
10
11
6
9
A1
A2
A3
6k
Ω
60k
Ω
Sense
8
9
10
14
6
111
4
3
12
5
6k
Ω
60k
Ω
V
IN
–
+
V
IN
R
G
V+
V–
V+
V–
INA166
G = 2000
3k
Ω
3k
Ω
V
O
V
O
Sometimes Shown in
Simplified Form:
Ref
0.1
µF
0.1
µF
INA166
NOTE: Gain is internally set to G = 2000.
R
G can be used to increase gain. See text.
30.3
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com