Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVSPR Datasheet (PDF) - TT Electronics.

OVSPR Datasheet PDF - TT Electronics.
Part # OVSPR
Download  OVSPR Download
File Size   735.81 Kbytes
Page   6 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description Full-color Power SMD 6mm (130˚ Viewing Angle)

OVSPR Datasheet (PDF)

Go To PDF Page Download Datasheet
OVSPR Datasheet PDF - TT Electronics.

Part # OVSPR
Download  OVSPR Click to download

File Size   735.81 Kbytes
Page   6 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description Full-color Power SMD 6mm (130˚ Viewing Angle)

OVSPR Datasheet (HTML) - TT Electronics.


OVSPR Product details

Description:
The OVSPRGBCR4A is an energy-efficient packaged LED source that offers high luminance, and a long operating lifespan.
This full-color power device offers a 120° viewing angle and an ultra-low profile (0.7mm) making it highly suitable for conventional
lighting and specialized applications. Optional optics are offered to suit application. Please contact OPTEK for
more information.
Applications:
• Automotive exterior and interior lighting
• Architectural indoor and outdoor lighting
• General lighting
• LED backlighting
Features:
• High brightness surface mount LED
• Small package outline (LxWxH) of 3.0x3.0x0.7mm.
• LED chips can be controlled separately to display various colors including
white
• Compliance to automotive standard; AEC-Q101




Similar Part No. - OVSPR

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OVSPRAC5R8 TTELEC-OVSPRAC5R8 Datasheet
733Kb / 5P
1-Watt SMD Red LED Lamp (7mm)
logo
OPTEK Technologies
OVSPRBCR4 OPTEK-OVSPRBCR4 Datasheet
559Kb / 11P
1-Watt SMD 6mm (120째 Viewing Angle)
logo
TT Electronics.
OVSPRBCR4 TTELEC-OVSPRBCR4 Datasheet
1Mb / 9P
Robust energy-efficient design with long operating life
OVSPRBCR4 TTELEC-OVSPRBCR4 Datasheet
897Kb / 7P
Robust energy-efficient design with long operating life
OVSPRBCR4 TTELEC-OVSPRBCR4 Datasheet
1Mb / 9P
Low thermal resistance
More results


Similar Description - OVSPR

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVSRRGBBC9 OPTEK-OVSRRGBBC9 Datasheet
1Mb / 7P
Full-Color Right-Angle SMD (120째 Viewing Angle)
OVSPRGBCR4 OPTEK-OVSPRGBCR4 Datasheet
820Kb / 6P
Full-color Power SMD 6mm (130째 Viewing Angle)
OVSPBBCR4 OPTEK-OVSPBBCR4 Datasheet
559Kb / 11P
1-Watt SMD 6mm (120째 Viewing Angle)
OVS5WBCR4 OPTEK-OVS5WBCR4 Datasheet
472Kb / 7P
5-Watt SMD 6mm White (120째 Viewing Angle)
logo
A-BRIGHT Inc
AL-HB5G6JF34T A-BRIGHT-AL-HB5G6JF34T Datasheet
344Kb / 5P
Right Angle Lens With Full Color SMD
2006/10/12
AL-HD0G6B534T A-BRIGHT-AL-HD0G6B534T Datasheet
344Kb / 5P
Right Angle Lens With Full Color SMD
2006/10/12
logo
Kingbright Corporation
APFA3210PBAVGASURKC KINGBRIGHT-APFA3210PBAVGASURKC Datasheet
224Kb / 7P
3.2x1.0mm RIGHT ANGLE FULL COLOR SMD CHIP LED LAMP
logo
Lucky Light Electronic
GB-3128RGB LUCKY-LIGHT-GB-3128RGB Datasheet
46Kb / 1P
SMD LED FULL COLOR TYPE
logo
List of Unclassifed Man...
OVSRRGBCC3 ETC2-OVSRRGBCC3 Datasheet
231Kb / 7P
Full-Color 1204 SMD (150째 Viewing Angle)
logo
TT Electronics.
OVSRRGBBC9 TTELEC-OVSRRGBBC9 Datasheet
631Kb / 7P
Full-Color Right-Angle SMD (120째 Viewing Angle)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com