Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVSPR Datasheet(PDF) 1 Page - TT Electronics.

Part # OVSPR
Description  Full-color Power SMD 6mm (130˚ Viewing Angle)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVSPR Datasheet(HTML) 1 Page - TT Electronics.

  OVSPR Datasheet HTML 1Page - TT Electronics. OVSPR Datasheet HTML 2Page - TT Electronics. OVSPR Datasheet HTML 3Page - TT Electronics. OVSPR Datasheet HTML 4Page - TT Electronics. OVSPR Datasheet HTML 5Page - TT Electronics. OVSPR Datasheet HTML 6Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Full-color Power SMD 6mm (130˚ Viewing
Angle)
OVSPRGBCR4
© TT electronics plc
Issue F
07/2019 Page 1
TT Electronics | OPTEK Technology
2900 E. Plano Pkwy, Plano, TX 75074 | Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Description:
The OVSPRGBCR4A is an energy-efficient packaged LED source that offers high luminance, and a long operating lifespan.
This full-color power device offers a 120° viewing angle and an ultra-low profile (0.7mm) making it highly suitable for con-
ventional lighting and specialized applications. Optional optics are offered to suit application. Please contact OPTEK for
more information.
Applications:
•
Automotive exterior and interior lighting
•
Architectural indoor and outdoor lighting
•
General lighting
•
LED backlighting
Features:
•
High brightness surface mount LED
•
Small package outline (LxWxH) of 3.0x3.0x0.7mm.
•
LED chips can be controlled separately to display various colors including
white
•
Compliance to automotive standard; AEC-Q101
Part Number
Viewing Angle
Emitted Color
Typical Intensity (mcd)
Lens Color
OVSPRGBCR4
120°
Red
5600-11250
Clear
True Green
7150-11250
Clear
Blue
1800-3550
Clear
DO NOT LOOK DIRECTLY
AT LED WITH
UNSHIELDED EYES OR
DAMAGE TO RETINA MAY
OCCUR.
RoHS
Moisture
2a


Similar Part No. - OVSPR

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OVSPRAC5R8 TTELEC-OVSPRAC5R8 Datasheet
733Kb / 5P
1-Watt SMD Red LED Lamp (7mm)
logo
OPTEK Technologies
OVSPRBCR4 OPTEK-OVSPRBCR4 Datasheet
559Kb / 11P
1-Watt SMD 6mm (120째 Viewing Angle)
logo
TT Electronics.
OVSPRBCR4 TTELEC-OVSPRBCR4 Datasheet
1Mb / 9P
Robust energy-efficient design with long operating life
OVSPRBCR4 TTELEC-OVSPRBCR4 Datasheet
897Kb / 7P
Robust energy-efficient design with long operating life
OVSPRBCR4 TTELEC-OVSPRBCR4 Datasheet
1Mb / 9P
Low thermal resistance
More results

Similar Description - OVSPR

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVSRRGBBC9 OPTEK-OVSRRGBBC9 Datasheet
1Mb / 7P
Full-Color Right-Angle SMD (120째 Viewing Angle)
OVSPRGBCR4 OPTEK-OVSPRGBCR4 Datasheet
820Kb / 6P
Full-color Power SMD 6mm (130째 Viewing Angle)
OVSPBBCR4 OPTEK-OVSPBBCR4 Datasheet
559Kb / 11P
1-Watt SMD 6mm (120째 Viewing Angle)
OVS5WBCR4 OPTEK-OVS5WBCR4 Datasheet
472Kb / 7P
5-Watt SMD 6mm White (120째 Viewing Angle)
logo
A-BRIGHT Inc
AL-HB5G6JF34T A-BRIGHT-AL-HB5G6JF34T Datasheet
344Kb / 5P
Right Angle Lens With Full Color SMD
2006/10/12
AL-HD0G6B534T A-BRIGHT-AL-HD0G6B534T Datasheet
344Kb / 5P
Right Angle Lens With Full Color SMD
2006/10/12
logo
Kingbright Corporation
APFA3210PBAVGASURKC KINGBRIGHT-APFA3210PBAVGASURKC Datasheet
224Kb / 7P
3.2x1.0mm RIGHT ANGLE FULL COLOR SMD CHIP LED LAMP
logo
Lucky Light Electronic
GB-3128RGB LUCKY-LIGHT-GB-3128RGB Datasheet
46Kb / 1P
SMD LED FULL COLOR TYPE
logo
List of Unclassifed Man...
OVSRRGBCC3 ETC2-OVSRRGBCC3 Datasheet
231Kb / 7P
Full-Color 1204 SMD (150째 Viewing Angle)
logo
TT Electronics.
OVSRRGBBC9 TTELEC-OVSRRGBBC9 Datasheet
631Kb / 7P
Full-Color Right-Angle SMD (120째 Viewing Angle)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com