Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVSPR Datasheet(PDF) 5 Page - TT Electronics.

Part # OVSPR
Description  Full-color Power SMD 6mm (130˚ Viewing Angle)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVSPR Datasheet(HTML) 5 Page - TT Electronics.

  OVSPR Datasheet HTML 1Page - TT Electronics. OVSPR Datasheet HTML 2Page - TT Electronics. OVSPR Datasheet HTML 3Page - TT Electronics. OVSPR Datasheet HTML 4Page - TT Electronics. OVSPR Datasheet HTML 5Page - TT Electronics. OVSPR Datasheet HTML 6Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Full-color Power SMD 6mm
OVSPRGBCR4
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Issue F
07/2019 Page 2
TT Electronics | OPTEK Technology
2900 E. Plano Pkwy, Plano, TX 75074 | Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
Once inventory is depleted,
the current 12 mm carrier
tape and pocket will be
replaced with new 8 mm
carrier tape and pocket.
See below specifications.
Carrier Tape Dimensions: Loaded quantity 2000 pieces per reel
PCN 1005: New 8 mm
carrier tape and pocket.
Effective: Manufacturing date
codes beginning
July 24, 2012
Moisture Resistant Packaging:



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com