Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO124P Datasheet (PDF) - Texas Instruments

ISO124P Datasheet PDF - Texas Instruments
Part # ISO124P
Download  ISO124P Download
File Size   651.95 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ISO124 ±10-V Input, Precision Isolation Amplifier

ISO124P Datasheet (PDF)

Go To PDF Page Download Datasheet
ISO124P Datasheet PDF - Texas Instruments

Part # ISO124P
Download  ISO124P Click to download

File Size   651.95 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ISO124 ±10-V Input, Precision Isolation Amplifier

ISO124P Datasheet (HTML) - Texas Instruments


ISO124P Product details

1 Features
1• 100% Tested for High-Voltage Breakdown
• Rated 1500 Vrms
• High IMR: 140 dB at 60 Hz
• Maximum Nonlinearity: 0.010%
• Bipolar Operation: VO = ±10 V
• Packages: PDIP-16 and SOIC-28
• Ease of Use: Fixed Unity Gain Configuration
• Supply Range: ±4.5-V to ±18-V

2 Applications
• Industrial Process Control:
– Transducer Isolator, Isolator for
Thermocouples, RTDs, Pressure Bridges, and
Flow Meters, 4-mA to 20-mA Loop Isolation
• Ground Loop Elimination
• Motor and SCR Control
• Power Monitoring
• PC-Based Data Acquisition
• Test Equipment

3 Description
The ISO124 is a precision isolation amplifier
incorporating a novel duty cycle modulationdemodulation
technique. The signal is transmitted
digitally across a 2-pF differential capacitive barrier.
With digital modulation, the barrier characteristics do
not affect signal integrity, thus resulting in excellent
reliability and good high-frequency transient immunity
across the barrier. Both barrier capacitors are
imbedded in the plastic body of the package.
The ISO124 is easy to use. No external components
are required for operation. The key specifications are
0.010% maximum nonlinearity, 50-kHz signal
bandwidth, and 200-μV/°C VOS drift. A power supply
range of ±4.5 V to ±18 V, and quiescent currents of
±5 mA on VS1 and ±5.5 mA on VS2 make the ISO124
device a good choice for a wide range of applications.
The ISO124 is available in 16-pin PDIP and 28-lead
SOIC plastic surface-mount packages.




Similar Part No. - ISO124P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ISO124P BURR-BROWN-ISO124P Datasheet
252Kb / 12P
Precision Lowest Cost ISOLATION AMPLIFIER
logo
Texas Instruments
ISO124P TI1-ISO124P Datasheet
947Kb / 19P
Precision Lowest-Cost
ISO124P TI1-ISO124P Datasheet
1Mb / 28P
Precision Lowest-Cost Isolation Amplifier
More results


Similar Description - ISO124P

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD208 AD-AD208 Datasheet
872Kb / 15P
High Precision, Low Offset, mV Input Isolation Amplifier
logo
Burr-Brown (TI)
ISO122 BURR-BROWN-ISO122 Datasheet
188Kb / 13P
Precision Lowest Cost ISOLATION AMPLIFIER
logo
Analog Devices
AD208 AD-AD208_1 Datasheet
8Mb / 16P
High Precision, Low Offset, mV Input Isolation Amplifier
logo
Texas Instruments
ISO122PE4 TI-ISO122PE4 Datasheet
762Kb / 20P
Precision Lowest Cost ISOLATION AMPLIFIER
logo
Burr-Brown (TI)
ISO120G-BI BURR-BROWN-ISO120G-BI Datasheet
192Kb / 16P
Precision Low Cost ISOLATION AMPLIFIER
logo
MORNSUN Science& Techno...
TM1630CP MORNSUN-TM1630CP Datasheet
451Kb / 3P
ACTIVE HIGH PRECISION ISOLATION AMPLIFIER
logo
Analog Devices
277 AD-277_15 Datasheet
1Mb / 4P
Precision Isolation Amplifier
AD208 AD-AD208_15 Datasheet
8Mb / 16P
HIGH PRECISION LOW OFFSET MV INPUT ISOLATION AMPLIFIER
logo
Texas Instruments
ISO124 TI1-ISO124 Datasheet
1Mb / 28P
Precision Lowest-Cost Isolation Amplifier
logo
Analog Devices
AD208 AD-AD208_16 Datasheet
7Mb / 17P
HIGH PRECISION LOW OFFSET MV INPUT ISOLATION AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com