Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO124P Datasheet(PDF) 10 Page - Texas Instruments

Part # ISO124P
Description  ISO124 ±10-V Input, Precision Isolation Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO124P Datasheet(HTML) 10 Page - Texas Instruments

Back Button ISO124P Datasheet HTML 6Page - Texas Instruments ISO124P Datasheet HTML 7Page - Texas Instruments ISO124P Datasheet HTML 8Page - Texas Instruments ISO124P Datasheet HTML 9Page - Texas Instruments ISO124P Datasheet HTML 10Page - Texas Instruments ISO124P Datasheet HTML 11Page - Texas Instruments ISO124P Datasheet HTML 12Page - Texas Instruments ISO124P Datasheet HTML 13Page - Texas Instruments ISO124P Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
10
ISO124
SBOS074E – SEPTEMBER 1997 – REVISED JUNE 2018
www.ti.com
Product Folder Links: ISO124
Submit Documentation Feedback
Copyright © 1997–2018, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
8.1.1 Carrier Frequency Considerations
The ISO124 amplifier transmits the signal across the isolation barrier by a 500-kHz duty-cycle modulation
technique. For input signals having frequencies below 250 kHz, this system works like any linear amplifier. But
for frequencies above 250 kHz, the behavior is similar to that of a sampling amplifier. Figure 9 shows this
behavior graphically; at input frequencies above 250 kHz, the device generates an output signal component of
reduced magnitude at a frequency below 250 kHz. This is the aliasing effect of sampling at frequencies less than
two times the signal frequency (the Nyquist frequency). At the carrier frequency and its harmonics, both the
frequency and amplitude of the aliasing go to zero.
8.1.2 Isolation Mode Voltage Induced Errors
IMV can induce errors at the output as indicated by the plots of IMV vs Frequency. It should be noted that if the
IMV frequency exceeds 250 kHz, the output also will display spurious outputs (aliasing) in a manner similar to
that for VIN > 250 kHz and the amplifier response will be identical to that shown in Figure 9.This occurs because
IMV-induced errors behave like input-referred error signals. To predict the total error, divide the isolation voltage
by the IMR shown in Figure 11 and compute the amplifier response to this input-referred error signal from the
data shown in Figure 9. For example, if a 800-kHz 1000-Vrms IMR is present, then a total of [(–60 dB) + (–30
dB)] x (1000 V) = 32-mV error signal at 200 kHz plus a 1-V, 800-kHz error signal will be present at the output.
8.1.3 High IMV dV/dt Errors
As the IMV frequency increases and the dV/dt exceeds 1000 Vµs, the sense amp may start to false trigger, and
the output will display spurious errors. The common-mode current being sent across the barrier by the high slew
rate is the cause of the false triggering of the sense amplifier. Lowering the power-supply voltages below ±15 V
may decrease the dV/dt to 500 V/M s for typical performance.
8.1.4 High Voltage Testing
TI has adopted a partial discharge test criterion that conforms to the German VDE0884 Optocoupler Standards.
This method requires the measurement of minute current pulses (< 5 pC) while applying 2400-Vrms, 60-Hz high-
voltage stress across every ISO124 isolation barrier. No partial discharge may be initiated to pass this test. This
criterion confirms transient overvoltage (1.6 × 1500 Vrms) protection without damage to the ISO124. Lifetest
results verify the absence of failure under continuous rated voltage and maximum temperature.
This new test method represents the “state-of-the art” for nondestructive high-voltage reliability testing. It is
based on the effects of nonuniform fields that exist in heterogeneous dielectric material during barrier
degradation. In the case of void nonuniformities, electric field stress begins to ionize the void region before
bridging the entire high-voltage barrier. The transient conduction of charge during and after the ionization can be
detected externally as a burst of 0.01–0.1-µs current pulses that repeat on each ac voltage cycle. The minimum
ac barrier voltage that initiates partial discharge is defined as the “inception voltage.” Decreasing the barrier
voltage to a lower level is required before partial discharge ceases and is defined as the “extinction voltage.” The
package insulation processes have been characterized and developed to yield an inception voltage in excess of
2400 Vrms so that transient overvoltages below this level will not damage the ISO124. The extinction voltage is
above 1500 Vrms so that even overvoltage induced partial discharge will cease once the barrier voltage is
reduced to the 1500-Vrms (rated) level. Older high-voltage test methods relied on applying a large enough
overvoltage (above rating) to break down marginal parts, but not so high as to damage good ones. Our new
partial discharge testing gives us more confidence in barrier reliability than breakdown/no breakdown criteria.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com