Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO124P Datasheet(PDF) 5 Page - Texas Instruments

Part # ISO124P
Description  ISO124 ±10-V Input, Precision Isolation Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO124P Datasheet(HTML) 5 Page - Texas Instruments

  ISO124P Datasheet HTML 1Page - Texas Instruments ISO124P Datasheet HTML 2Page - Texas Instruments ISO124P Datasheet HTML 3Page - Texas Instruments ISO124P Datasheet HTML 4Page - Texas Instruments ISO124P Datasheet HTML 5Page - Texas Instruments ISO124P Datasheet HTML 6Page - Texas Instruments ISO124P Datasheet HTML 7Page - Texas Instruments ISO124P Datasheet HTML 8Page - Texas Instruments ISO124P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
5
ISO124
www.ti.com
SBOS074E – SEPTEMBER 1997 – REVISED JUNE 2018
Product Folder Links: ISO124
Submit Documentation Feedback
Copyright © 1997–2018, Texas Instruments Incorporated
(1)
Tested at 1.6x rated, fail on 5-pC partial discharge.
(2)
Nonlinearity is the peak deviation of the output voltage from the best-fit straight line, and is expressed as the ratio of deviation to FSR.
(3)
Ripple frequency is at carrier frequency (500 kHz).
6.5 Electrical Characteristics
at TA = +25°C , VS1 = VS2 = ±15 V, and RL = 2 kΩ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ISOLATION
Rated voltage
Continuous ac 60 Hz
1500
Vac
100% test(1)
Test time = 1 s, partial discharge
≤ 5 pC
2400
Vac
Isolation mode rejection
60 Hz
140
dB
Barrier impedance
1014 || 2
Ω || pF
Leakage current at 60 Hz
VISO = 240 Vrms
0.18
0.5
µArms
GAIN
Nominal gain
VO = ±10 V
1
V/V
Gain error
VO = ±10 V
±0.05
±0.50
%FSR
Gain vs temperature
±10
ppm/°C
Nonlinearity(2)
±0.005
±0.010
%FSR
INPUT OFFSET VOLTAGE
Initial offset
±20
±50
mV
Input offset drift
±200
µV/°C
PSR
R
Power-supply rejection ratio
±2
mV/V
Noise
4
µV/
√Hz
INPUT
Input voltage
±10
±12.5
V
Resistance
200
kΩ
OUTPUT
Output voltage
±10
±12.5
V
Current drive
±5
±15
mA
Capacitive load drive
0.1
µF
Ripple voltage(3)
20
mVp-p
FREQUENCY RESPONSE
Small-signal bandwidth
50
kHz
Slew rate
2
V/µs
Settling Time 0.10%
VO = ±10 V
50
µs
Settling Time 0.01%
VO = ±10 V
350
µs
Overload recovery time
150
µs
POWER SUPPLIES
IVS1
High-side analog supply current
±5.0
±7.0
mA
IVS2
Low-side analog supply current
±5.5
±7.0
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com