Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AC20 Datasheet (PDF) - STMicroelectronics

74AC20 Datasheet PDF - STMicroelectronics
Part # 74AC20
Download  74AC20 Download
File Size   68.26 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DUAL 4-INPUT NAND GATE

74AC20 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AC20 Datasheet PDF - STMicroelectronics

Part # 74AC20
Download  74AC20 Click to download

File Size   68.26 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DUAL 4-INPUT NAND GATE

74AC20 Datasheet (HTML) - STMicroelectronics


74AC20 Product details

DESCRIPTION
The 74AC20 is an advanced high-speed CMOS DUAL 4-INPUT NAND GATE fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS tecnology.

■ HIGH SPEED: tPD = 4ns (TYP.) at VCC = 5V
■ LOW POWER DISSIPATION:
    ICC = 2µA(MAX.) at TA=25°C
■ HIGH NOISE IMMUNITY:
    VNIH = VNIL = 28 % VCC (MIN.)
■ 50Ω TRANSMISSION LINE DRIVING
    CAPABILITY
■ SYMMETRICAL OUTPUT IMPEDANCE:
    |IOH| = IOL = 24mA (MIN)
■ BALANCED PROPAGATION DELAYS: tPLH ≅ tPHL
■ OPERATING VOLTAGE RANGE:
    VCC (OPR) = 2V to 6V
■ PIN AND FUNCTION COMPATIBLE WITH
    74 SERIES 20
■ IMPROVED LATCH-UP IMMUNITY
   




Similar Part No. - 74AC20

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC20 FAIRCHILD-74AC20 Datasheet
81Kb / 7P
Dual 4-Input NAND Gate
logo
ON Semiconductor
74AC20 ONSEMI-74AC20 Datasheet
122Kb / 8P
Dual 4?묲nput NAND Gate
October, 2006 ??Rev. 8
logo
Fairchild Semiconductor
74AC20 FAIRCHILD-74AC20 Datasheet
99Kb / 7P
Dual 4-Input NAND Gate
logo
STMicroelectronics
74AC20 STMICROELECTRONICS-74AC20 Datasheet
201Kb / 8P
DUAL 4-INPUT NAND GATE
Apr-2001
logo
Fairchild Semiconductor
74AC20MTC FAIRCHILD-74AC20MTC Datasheet
81Kb / 7P
Dual 4-Input NAND Gate
More results


Similar Description - 74AC20

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS22 MOTOROLA-SN54LS22 Datasheet
121Kb / 4P
DUAL 4-INPUT NAND GATE
logo
NXP Semiconductors
74ALS20A PHILIPS-74ALS20A Datasheet
85Kb / 7P
Dual 4-Input NAND gate
1996 Jul 01
74F20 PHILIPS-74F20 Datasheet
68Kb / 8P
Dual 4-input NAND gate
1989 Mar 03
74HC20 PHILIPS-74HC20 Datasheet
34Kb / 6P
Dual 4-input NAND gate
December 1990
logo
STMicroelectronics
74VHC20 STMICROELECTRONICS-74VHC20 Datasheet
51Kb / 7P
DUAL 4-INPUT NAND GATE
Jun-1999
M74HC20 STMICROELECTRONICS-M74HC20 Datasheet
172Kb / 8P
DUAL 4-INPUT NAND GATE
Jul-2001
logo
Fairchild Semiconductor
74AC20 FAIRCHILD-74AC20 Datasheet
81Kb / 7P
Dual 4-Input NAND Gate
DM74LS20 FAIRCHILD-DM74LS20 Datasheet
45Kb / 4P
Dual 4-Input NAND Gate
74AC20 FAIRCHILD-74AC20_05 Datasheet
99Kb / 7P
Dual 4-Input NAND Gate
logo
ON Semiconductor
MC74HCT20A ONSEMI-MC74HCT20A Datasheet
121Kb / 6P
Dual 4-Input NAND Gate
March, 2011 ??Rev. 1
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com