Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AC20 Datasheet(PDF) 3 Page - STMicroelectronics

Part # 74AC20
Description  DUAL 4-INPUT NAND GATE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74AC20 Datasheet(HTML) 3 Page - STMicroelectronics

  74AC20 Datasheet HTML 1Page - STMicroelectronics 74AC20 Datasheet HTML 2Page - STMicroelectronics 74AC20 Datasheet HTML 3Page - STMicroelectronics 74AC20 Datasheet HTML 4Page - STMicroelectronics 74AC20 Datasheet HTML 5Page - STMicroelectronics 74AC20 Datasheet HTML 6Page - STMicroelectronics 74AC20 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DC SPECIFICATIONS
Symbol
Parameter
Test Con dition s
Value
Unit
VCC
(V)
TA =25
oC-40 to 85 oC
Mi n.
Typ.
Max.
Min .
Max.
VIH
High Level Input Voltage
3.0
VO = 0.1 V or
VCC - 0.1 V
2.1
1.5
2.1
V
4.5
3.15
2.25
3.15
5.5
3.85
2.75
3.85
VIL
Low Level Input Voltage
3.0
VO = 0.1 V or
VCC - 0.1 V
1.5
0.9
0.9
V
4.5
2.25
1.35
1.35
5.5
2.75
1.65
1.65
VOH
High Level Output
Voltage
3.0
VI
(*) =
VIH or
VIL
IO=-50
µA
2.9
2.99
2.9
V
4.5
IO=-50
µA
4.4
4.49
4.4
5.5
IO=-50
µA
5.4
5.49
5.4
3.0
IO=-12 mA
2.56
2.46
4.5
IO=-24 mA
3.86
3.76
5.5
IO=-24 mA
4.86
4.76
VOL
Low Level Output
Voltage
3.0
VI
(*) =
VIH or
VIL
IO=50
µA
0.002
0.1
0.1
V
4.5
IO=50
µA
0.001
0.1
0.1
5.5
IO=50
µA
0.001
0.1
0.1
3.0
IO=12 mA
0.36
0.44
4.5
IO=24 mA
0.36
0.44
5.5
IO=24 mA
0.36
0.44
II
Input Leakage Current
5.5
VI =VCC or GND
±0.1
±1
µA
ICC
Quiescent Supply
Current
5.5
VI =VCC or GND
4
40
µA
IOLD
Dynamic Output Current
(note 1, 2)
5.5
VOLD = 1.65 V max
75
mA
IOHD
VOHD = 3.85 V min
-75
mA
1) Maximum test duration 2ms, one output loaded at time
2) Incident wave switching is guaranteed on transmission lines with impedances as low as 50
Ω.
(*) All outputs loaded.
CAPACITIVE CHARACTERISTICS
Symbol
Parameter
Test Con dition s
Value
Unit
VCC
(V)
TA =25
oC-40 to 85 oC
Mi n.
Typ.
Max.
Min .
Max.
CIN
Input Capacitance
5.0
4.5
pF
CPD
Power Dissipation
Capacitance (note 1)
5.0
40
pF
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to
Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD
• VCC •fIN +ICC/n (per circuit)
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, RL = 500
Ω, Input tr =tf =3 ns)
Symbol
Parameter
T est Cond iti on
Value
Unit
VCC
(V)
TA =25
oC-40 to 85 oC
Mi n.
Typ.
Max.
Min .
Max.
tPLH
tPHL
Propagation Delay Time
3.3
(*)
1.5
5.0
7.0
1.0
9.0
ns
5.0
(**)
1.5
4.0
6.0
1.0
7.0
(*) Voltage range is 3.3V
± 0.3V
(**) Voltage range is 5V
± 0.5V
74AC20
3/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com