Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AC20 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74AC20
Description  DUAL 4-INPUT NAND GATE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74AC20 Datasheet(HTML) 1 Page - STMicroelectronics

  74AC20 Datasheet HTML 1Page - STMicroelectronics 74AC20 Datasheet HTML 2Page - STMicroelectronics 74AC20 Datasheet HTML 3Page - STMicroelectronics 74AC20 Datasheet HTML 4Page - STMicroelectronics 74AC20 Datasheet HTML 5Page - STMicroelectronics 74AC20 Datasheet HTML 6Page - STMicroelectronics 74AC20 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
74AC20
DUAL 4-INPUT NAND GATE
PRELIMINARY DATA
May 1997
s
HIGH SPEED: tPD = 4 ns (TYP.) at VCC =5V
s
LOW POWER DISSIPATION:
ICC =4
µA (MAX.) at TA =25 oC
s
HIGH NOISE IMMUNITY:
VNIH =VNIL = 28% VCC (MIN.)
s
50
Ω TRANSMISSION LINE DRIVING
CAPABILITY
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|= IOL =24 mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH
≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 20
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The AC20 is an advanced high-speed CMOS
DUAL 4-INPUT NAND GATE fabricated with
sub-micron silicon gate and double-layer metal
wiring C
2MOS technology. It is ideal for low
power
applications
mantaining
high
speed
operation similar to equivalent Bipolar Schottky
TTL.
The internal circuit is composed of 3 stages
including buffer output, which enables high noise
immunity and stable output.
All
inputs and
outputs
are
equipped with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES :
74AC20B
74AC20M
M
(Micro Package)
B
(Plastic Package)
1/7


Similar Part No. - 74AC20

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC20 FAIRCHILD-74AC20 Datasheet
81Kb / 7P
Dual 4-Input NAND Gate
logo
ON Semiconductor
74AC20 ONSEMI-74AC20 Datasheet
122Kb / 8P
Dual 4?묲nput NAND Gate
October, 2006 ??Rev. 8
logo
Fairchild Semiconductor
74AC20 FAIRCHILD-74AC20 Datasheet
99Kb / 7P
Dual 4-Input NAND Gate
logo
STMicroelectronics
74AC20 STMICROELECTRONICS-74AC20 Datasheet
201Kb / 8P
DUAL 4-INPUT NAND GATE
Apr-2001
logo
Fairchild Semiconductor
74AC20MTC FAIRCHILD-74AC20MTC Datasheet
81Kb / 7P
Dual 4-Input NAND Gate
More results

Similar Description - 74AC20

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS22 MOTOROLA-SN54LS22 Datasheet
121Kb / 4P
DUAL 4-INPUT NAND GATE
logo
NXP Semiconductors
74ALS20A PHILIPS-74ALS20A Datasheet
85Kb / 7P
Dual 4-Input NAND gate
1996 Jul 01
74F20 PHILIPS-74F20 Datasheet
68Kb / 8P
Dual 4-input NAND gate
1989 Mar 03
74HC20 PHILIPS-74HC20 Datasheet
34Kb / 6P
Dual 4-input NAND gate
December 1990
logo
STMicroelectronics
74VHC20 STMICROELECTRONICS-74VHC20 Datasheet
51Kb / 7P
DUAL 4-INPUT NAND GATE
Jun-1999
M74HC20 STMICROELECTRONICS-M74HC20 Datasheet
172Kb / 8P
DUAL 4-INPUT NAND GATE
Jul-2001
logo
Fairchild Semiconductor
74AC20 FAIRCHILD-74AC20 Datasheet
81Kb / 7P
Dual 4-Input NAND Gate
DM74LS20 FAIRCHILD-DM74LS20 Datasheet
45Kb / 4P
Dual 4-Input NAND Gate
74AC20 FAIRCHILD-74AC20_05 Datasheet
99Kb / 7P
Dual 4-Input NAND Gate
logo
ON Semiconductor
MC74HCT20A ONSEMI-MC74HCT20A Datasheet
121Kb / 6P
Dual 4-Input NAND Gate
March, 2011 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com