Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTK5128 Datasheet (PDF) - LTKCHIP TECHNOLOGY

LTK5128 Datasheet PDF - LTKCHIP TECHNOLOGY
Part # LTK5128
Download  LTK5128 Download
File Size   1198.29 Kbytes
Page   9 Pages
Manufacturer  LTKCHIP [LTKCHIP TECHNOLOGY]
Direct Link  
Logo LTKCHIP - LTKCHIP TECHNOLOGY
Description Class AB/D Audio Amplifier

LTK5128 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTK5128 Datasheet PDF - LTKCHIP TECHNOLOGY

Part # LTK5128
Download  LTK5128 Click to download

File Size   1198.29 Kbytes
Page   9 Pages
Manufacturer  LTKCHIP [LTKCHIP TECHNOLOGY]
Direct Link  
Logo LTKCHIP - LTKCHIP TECHNOLOGY
Description Class AB/D Audio Amplifier

LTK5128 Datasheet (HTML) - LTKCHIP TECHNOLOGY


LTK5128 Product details

Features
 Filterless Class D/AB amplifier, low quiescent current and
Low EMI
 No interference in FM mode
 Excellent popping noise suppression circuit
 Low noise floor, low distortion
 DRC dynamic distortion correction circuit
 10% THD+N, VDD=5V, 4Ω load, providing
up to 3W output power
 10% THD+N, VDD=5V, 2Ω load, providing
up to 5W output power
 Short circuit current protection
 Undervoltage protection
 Shutdown current < 0.5uA
 Multiple power package modes: ESOP-8
 Overheat protection

Applications
 Bluetooth speakers
 Trolley speakers, USB speakers
 Video players, amplifiers, etc.




Similar Part No. - LTK5128

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LTK5128 ETC2-LTK5128 Datasheet
698Kb / 10P
FM scheme
LTK5128D ETC2-LTK5128D Datasheet
698Kb / 10P
FM scheme
More results


Similar Description - LTK5128

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2367 PTC-PT2367 Datasheet
149Kb / 4P
1W Class AB Audio Power Amplifier
PT2366 PTC-PT2366 Datasheet
212Kb / 5P
1W Class-AB Audio Power Amplifier
PT2366L PTC-PT2366L Datasheet
220Kb / 4P
1W Class-AB Audio Power Amplifier
PT2366 PTC-PT2366_10 Datasheet
212Kb / 5P
1W Class-AB Audio Power Amplifier
PT2366L PTC-PT2366L Datasheet
220Kb / 4P
1W Class-AB Audio Power Amplifier
logo
Shenzhenshi YONGFUKANG ...
CSC8005 YONGFUKANG-CSC8005 Datasheet
226Kb / 5P
AB/D class switching audio power amplifier
logo
AiT Semiconductor Inc.
A2230 AITSEMI-A2230 Datasheet
822Kb / 9P
AUDIO AMPLIFIER 1.7W CLASS-AB
REV2.1
logo
List of Unclassifed Man...
LTK8002D ETC-LTK8002D Datasheet
1Mb / 7P
Class AB Audio Amplifier
2014 V1.1
logo
Shenzhen Naxinwei Techn...
NS4110 NSIWAY-NS4110 Datasheet
611Kb / 14P
Class AB/D dual-mode, 10W mono audio amplifier
V1.0
NS4165 NSIWAY-NS4165 Datasheet
585Kb / 13P
Class AB/D dual-mode, 5W mono audio amplifier
V1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com