Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3538 Datasheet (PDF) - Texas Instruments

LM3538 Datasheet PDF - Texas Instruments
Part # LM3538
Download  LM3538 Download
File Size   691.36 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3538 6-Channel WLED Driver with Four Integrated LDOs

LM3538 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM3538 Datasheet PDF - Texas Instruments

Part # LM3538
Download  LM3538 Click to download

File Size   691.36 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3538 6-Channel WLED Driver with Four Integrated LDOs

LM3538 Datasheet (HTML) - Texas Instruments


LM3538 Product details

1FEATURES
2Lighting:
• 6-channel Backlight Capability
• Internal ALS Engine; PWM Input to Support
CABC
• Built-in Power Supply and Gain Control for
Ambient Light Sensor
• Up to 90% Efficiency
• Adaptive Charge Pump with 1x and 1.5x Gains
for Maximum Efficiency
• 128 Dimming Steps for Group A, Exponential
or Linear Dimming Selectable by Register
Setup
• 8 Linear Dimming States for Group B
LDOs:
• 4 Programmable LDOs (300mA/150mA Output
Currents)
• Default Startup Voltage States
• Low Dropout Voltage: 100mV typ. at 150mA
Load Current
• LDO Input Voltage = 1.8V to VIN_A
• Overload Protection
Combined Common Features:
• Wide Input Voltage Range: 2.7V to 5.5V
• I2C-compatible Serial Interface
• 2 General-purpose Outputs

APPLICATIONS
• Smartphone Lighting
• MP3 players, Gaming Devices
• Digital Cameras

DESCRIPTION
The LM3538 is a highly integrated LED driver
capable of driving 6 LEDs in parallel for single display
backlighting applications. Independent LED control
allows for a subset of the main display LEDs to be
selected for partial illumination applications.
I2C-compatible control allows full configurability of the
backlighting function. The LM3538 provides multi-
zone Ambient Light Sensing allowing autonomous
backlight intensity control in the event of changing
ambient light conditions. A PWM input is also provided to give the user a means to adjust the
backlight intensity dynamically based upon the
content of the display.
Four integrated LDOs are fully configurable through
I2C capable of addressing point-of-load regulation
needs for functions such as integrated camera
modules. The LDOs can be powered from main
battery source, or by a fixed output voltage of an external buck converter (post regulation) leading to
higher conversion efficiency.
The LM3538 provides excellent efficiency without the
use of an inductor by operating the charge pump in a
gain of 3/2 or in Pass-Mode. The proper gain for
maintaining current regulation is chosen, based on
LED forward voltage, so that efficiency is maximized
over the input voltage range
LM3538 is offered in a tiny 30-bump DSBGA
package.




Similar Part No. - LM3538

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3538 TI1-LM3538 Datasheet
1,010Kb / 28P
LM3538 6-Channel WLED Driver with Four Integrated LDOs
LM3538 TI1-LM3538 Datasheet
1Mb / 31P
6-Channel WLED Driver with Four Integrated LDOs
LM3538TME TI1-LM3538TME Datasheet
1,010Kb / 28P
LM3538 6-Channel WLED Driver with Four Integrated LDOs
LM3538TME/NOPB TI1-LM3538TME/NOPB Datasheet
1Mb / 31P
6-Channel WLED Driver with Four Integrated LDOs
LM3538TMX TI1-LM3538TMX Datasheet
1,010Kb / 28P
LM3538 6-Channel WLED Driver with Four Integrated LDOs
More results


Similar Description - LM3538

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2845 ANALOGICTECH-AAT2845 Datasheet
841Kb / 19P
Four-Channel Backlight Driver with Dual LDOs
AAT2847 ANALOGICTECH-AAT2847 Datasheet
382Kb / 20P
Four-Channel Backlight Driver with Dual LDOs
AAT2845A ANALOGICTECH-AAT2845A Datasheet
461Kb / 19P
Four-Channel Backlight Driver with Dual LDOs
AAT2845 ANALOGICTECH-AAT2845_08 Datasheet
1Mb / 19P
Four-Channel Backlight Driver with Dual LDOs
AAT2847 ANALOGICTECH-AAT2847_08 Datasheet
706Kb / 20P
Four-Channel Backlight Driver with Dual LDOs
logo
Micrel Semiconductor
MIC2846A MICREL-MIC2846A Datasheet
1Mb / 19P
High Efficiency 6 Channel Linear WLED Driver with DAM?? Digital Control and Dual Low IQ LDOs
logo
Texas Instruments
LM3537 TI1-LM3537 Datasheet
1,014Kb / 30P
LM3537 8-Channel WLED Driver with Four Integrated LDOs
LM3538 TI1-LM3538 Datasheet
1,010Kb / 28P
LM3538 6-Channel WLED Driver with Four Integrated LDOs
LM3537 TI1-LM3537_13 Datasheet
1Mb / 33P
8-Channel WLED Driver with Four Integrated LDOs
LM3538 TI1-LM3538_13 Datasheet
1Mb / 31P
6-Channel WLED Driver with Four Integrated LDOs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com