Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3538 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM3538
Description  LM3538 6-Channel WLED Driver with Four Integrated LDOs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3538 Datasheet(HTML) 2 Page - Texas Instruments

  LM3538 Datasheet HTML 1Page - Texas Instruments LM3538 Datasheet HTML 2Page - Texas Instruments LM3538 Datasheet HTML 3Page - Texas Instruments LM3538 Datasheet HTML 4Page - Texas Instruments LM3538 Datasheet HTML 5Page - Texas Instruments LM3538 Datasheet HTML 6Page - Texas Instruments LM3538 Datasheet HTML 7Page - Texas Instruments LM3538 Datasheet HTML 8Page - Texas Instruments LM3538 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
5
4
3
2
1
A
B
C
D
E
F
LDO1
LDO2
VOUT
VIN_A
ALS
C2-
INT
D6
LDO3
GND
SDA
NC
C1-
D5
PWM
D1
D4
HWEN
SCL
D3
D2
PGND
LDO4
C2+
C1+
SBIAS
GPO1
GPO2
VIN_B
VIN_C
LM3538
VIN = 2.7 to 5.5V
CIN_A
1 PF
C2
1 PF
C1
1 PF
C1+ C1- C2+ C2-
COUT
1 PF
VOUT
MCU
SCL
SDA
HWEN
PWM
1 PF
CLDO1
1 PF
CLDO2
1 PF
CLDO3
1 PF
CLDO4
ALS
D1
D2
D3
D4
D5
D6
INT
CIN_C
2.2 PF
VIN_C
VIN_A
GNDs
LDO2
LDO1
LDO3
LDO4
CIN_B
100 nF
VIN_B
SBIAS
AMBIENT
LIGHT
SENSOR
CSEN
1 PF
GPO1
GPO2
+
-
LM3538
SNVS674A – JUNE 2011 – REVISED MAY 2013
www.ti.com
Typical Application Circuit
Connection Diagram
Figure 1. 30 Bump DSBGA Package
Top View
2
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM3538



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com