Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3538 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM3538
Description  LM3538 6-Channel WLED Driver with Four Integrated LDOs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3538 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM3538 Datasheet HTML 8Page - Texas Instruments LM3538 Datasheet HTML 9Page - Texas Instruments LM3538 Datasheet HTML 10Page - Texas Instruments LM3538 Datasheet HTML 11Page - Texas Instruments LM3538 Datasheet HTML 12Page - Texas Instruments LM3538 Datasheet HTML 13Page - Texas Instruments LM3538 Datasheet HTML 14Page - Texas Instruments LM3538 Datasheet HTML 15Page - Texas Instruments LM3538 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
CHARGE PUMP
1X/1.5X
C1+
C1-
C2+
C2-
1 PF
1 PF
1 PF
COUT
GROUP B
BRIGHTNESS
CTRL = 8 STEPS
GROUP A
BRIGHTNESS
CTRL = 128 STEPS
INT
PWM
GAIN
CONTROL
1.3 MHz
OSC
VREF
1.25V
SOFT-
START
SERIAL
DATA
SDA
SCL
HWEN
VIN_A
1 PF
CIN
REGISTERS
POR
THERMAL
SHUTDOWN
VOLTAGE REFERENCE
WITH NOISE
SUPPRESSION FILTER
ALS ENGINE
SENSOR
POWER
1 PF
2.4V or
3.0V
CSEN
SBIAS
AMBIENT
LIGHT
SENSOR
+
-
LDO 2
LDO 1
LDO 4
LDO 3
CLDO1
CLDO2
CLDO3
CLDO4
1 PF
1 PF
1 PF
1 PF
LDO1
LDO2
LDO3
LDO4
VIN_B
100 nF
CIN_B
VIN
2.7V to 5.5V
VIN_C
CIN_C
2.2 PF
RALS
GPO1
GPO2
ALS
GNDs
D1
D2
D3
D4
D5
D6
VOUT
PWM
INT
CONTROL
LM3538
SNVS674A – JUNE 2011 – REVISED MAY 2013
www.ti.com
Block Diagram
12
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM3538



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com