Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3538 Datasheet(PDF) 21 Page - Texas Instruments

Part # LM3538
Description  LM3538 6-Channel WLED Driver with Four Integrated LDOs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3538 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM3538 Datasheet HTML 17Page - Texas Instruments LM3538 Datasheet HTML 18Page - Texas Instruments LM3538 Datasheet HTML 19Page - Texas Instruments LM3538 Datasheet HTML 20Page - Texas Instruments LM3538 Datasheet HTML 21Page - Texas Instruments LM3538 Datasheet HTML 22Page - Texas Instruments LM3538 Datasheet HTML 23Page - Texas Instruments LM3538 Datasheet HTML 24Page - Texas Instruments LM3538 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
LM3538
www.ti.com
SNVS674A – JUNE 2011 – REVISED MAY 2013
Table 5. Control Register Map (continued)
Hex
Read/W
Default Value
Register Name
Bit(s)
Bit Mnemonic and Description
Addr.
rite
After Reset
rev
[7:6]
R
00xxxxxx
Stores the silicon revision value. LM3538 = '00'
als_gain
[5]
R
xx0xxxxx
Gain_status indicator: '1' = high gain, '0' = low gain.
timerflag
[4]
R
xxx0xxxx
At the end of every countdown, the timer sets the timerflag ='1'. The
ALS ZONE
40
flag bit is cleared once the 0x40 register has been read.
READBACK
zoneflag
[3]
R
xxxx0xxx
ALS transition flag. '1' = Transition has occurred. '0' = No transition.
The flag bit is cleared once the 0x40 register has been read.
zone
[2:0]
R
xxxxx000
ALS Zone information: '000’ = Zone0, ‘001’ = Zone1, ‘010’ = Zone2,
‘011’ = Zone3, ‘100’ = Zone4. Other combinations not used.
ave
Sets averaging time for the ALS sampling. Need two to three
[7:5]
R/W
000xxxxx
averaging periods to make transition decision.‘000’ = 25ms, ‘001’ =
50ms, ‘010’ = 100ms, ‘011’ = 200ms, ‘100’ = 400ms, ‘101’ = 800ms,
‘110’ = 1.6s, ‘111’ = 3.2s.
timer
Pre-defined countdown timer function.
'00' = countdown timer is disabled
'01' = 10s countdown timer is enabled (stick to the highest zone for
10s)
[4:3]
R/W
xxx00xxx
'10' = Always stick to the highest zone the ALS reached
'11' = Always stick to the highest zone the ALS reached.
At the end of every countdown, the timer sets the countdown
timerflag (reg 40H), and after that, a Zone transition to a lower Zone
re-loads the timer and starts the next timer period.
als_en
Enables ALS monitoring. Writing a '1' enables the ALS monitoring
50
ALS CONTROL
[2]
R/W
xxxxx0xx
circuitry and a '0' disables it. This feature can be enabled without
having the current sinks or charge pump active. The ALS value is
updated in register 0x40 ALS ZONE READBACK.
als_en_a
Enable ALS on Group A. Writing a '1' enables ALS control of diode
[1]
R/W
xxxxxx0x
current and a '0' (default) forces the Group A current to the value
stored in the Group A brightness register. The als_en bit must be set
to a '1' for the ALS block to control the Group A brightness.
als_en_b
Enable ALS on Group B. Writing a '1' enables ALS control of diode
current and a '0' (default) forces the Group B current to the value
stored in the Group B brightness register. The als_en bit must be set
[0]
R/W
xxxxxxx0
to a '1' for the ALS block to control the Group B brightness. The ALS
function for Group B is different than Group A in that the ALS will
only enable and disable the Group B diodes depending on the ALS
zone chosen by the user. Group A utilizes the 5 different zone
brightness registers (Addresses 0x70 to 0x74).
r_als
51
ALS RESISTOR
[4:0]
R/W
xxx00010
Sets the internal ALS resistor value. See Table 1 for details.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM3538



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com