Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4921 Datasheet (PDF) - Texas Instruments

LM4921 Datasheet PDF - Texas Instruments
Part # LM4921
Download  LM4921 Download
File Size   640.22 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4921 Low Voltage I2S 16-Bit Stereo DAC with Stereo Headphone Power Amplifiers and Volume Control

LM4921 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM4921 Datasheet PDF - Texas Instruments

Part # LM4921
Download  LM4921 Click to download

File Size   640.22 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4921 Low Voltage I2S 16-Bit Stereo DAC with Stereo Headphone Power Amplifiers and Volume Control

LM4921 Datasheet (HTML) - Texas Instruments


LM4921 Product details

1FEATURES
2• 16-Bit Resolution Stereo DAC
• I2S Digital Audio Data Serial Interface
• SPI Serial Interface (Control Register)
• Volume Control (32 steps; 1.5 dB Increments)
• Up to 50mW/Channel Stereo Headphone
Amplifier
• Zero Crossing Detection for Silent Attenuation
Steps
• 2.6VDC to 5.0VDC Digital Supply Voltage Range
• 2.6V DC to 5.5VDC Analog Supply Voltage Range
(See (1))
• Unity-Gain Stable Headphone Amplifiers
• Available in the 20-bump DSBGA Package

KEY SPECIFICATIONS
• PSRR at 217Hz, A/DVDD = 3V, (See Figure 1):
52dB (typ)
• POUT at AVDD = 3.0V, 32Ω
– < 0.05% THD: 13mW (typ)
– < 0.05% THD: 26mW (typ)
• Supply Voltage Range
– DVDD: 2,6V to 5.0V
– AVDD: (See (1)) 2.6V to 5.5V
• Shutdown Current: 1μA (typ)

APPLICATIONS
• Mobile Phones
• PDAs
• Portable Electronic Devices

DESCRIPTION
The LM4921 combines a 16-bit resolution stereo I2S
input digital-to-analog converter (DAC) with a stereo
headphone audio power amplifier. It is primarily
designed for demanding applications in mobile
phones and other portable communication device
applications. The LM4921 features an I2S serial
interface for the digital audio information and a 16-bit
SPI serial interface for internal register control and
communication. With AVDD and DVDD = 3.0VDC and
driving a 32Ω single-ended load to a 26mWRMS
output level the distortion (THD+N) of the LM4921 will
be less than 0.5%. The LM4921 also features a
programmable 32-step digital volume control
accessed through an SPI interface.
Boomer audio power amplifiers were designed
specifically to provide high quality output power with a
minimal amount of external components. It is,
therefore, ideally suited for mobile phone and other
low voltage applications where minimal power consumption is a primary requirement.
The LM4921 features a low-power consumption
shutdown mode, and also has an internal thermal
shutdown protection mechanism.




Similar Part No. - LM4921

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4921 NSC-LM4921 Datasheet
849Kb / 18P
Low Voltage I2S 16-Bit Stereo DAC with Stereo Headphone Power Amplifiers and Volume Control
logo
Texas Instruments
LM4921ITL/NOPB TI1-LM4921ITL/NOPB Datasheet
1Mb / 26P
LM4921 Low Voltage I2S 16-Bit Stereo DAC
LM4921ITLX TI1-LM4921ITLX Datasheet
1Mb / 26P
LM4921 Low Voltage I2S 16-Bit Stereo DAC
LM4921ITLX/NOPB TI1-LM4921ITLX/NOPB Datasheet
1Mb / 26P
LM4921 Low Voltage I2S 16-Bit Stereo DAC
More results


Similar Description - LM4921

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4921 NSC-LM4921 Datasheet
849Kb / 18P
Low Voltage I2S 16-Bit Stereo DAC with Stereo Headphone Power Amplifiers and Volume Control
logo
MOSA ELECTRONICS
MS6334 MOSA-MS6334 Datasheet
608Kb / 17P
16-Bit Stereo Audio DAC Integrated Headphone Driver with Volume Control
logo
Wolfson Microelectronic...
WM8728 WOLFSON-WM8728_04 Datasheet
344Kb / 28P
24-bit, 192kHz Stereo DAC with Volume Control
logo
MOSA ELECTRONICS
MS6821 MOSA-MS6821 Datasheet
880Kb / 26P
4 Stereo Inputs, 2W BTL Stereo Output 16-bit Stereo DAC and Volume Control
MS6821 MOSA-MS6821_1 Datasheet
704Kb / 29P
4 Stereo Inputs, 2W BTL Stereo Output 16-bit Stereo DAC and Volume Control
logo
Wolfson Microelectronic...
WM8728 WOLFSON-WM8728_12 Datasheet
482Kb / 30P
24-bit, 192kHz Stereo DAC with Volume Control
logo
Texas Instruments
LM4921ITLX TI1-LM4921ITLX Datasheet
1Mb / 26P
LM4921 Low Voltage I2S 16-Bit Stereo DAC
logo
Realtek Semiconductor C...
ALC5628 REALTEK-ALC5628 Datasheet
802Kb / 45P
I2S/PCM STEREO DAC WITH HEADPHONE
logo
ESS Technology,Inc
ES9219 ESS-ES9219 Datasheet
1Mb / 67P
32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
February 27, 2020
ES9218P ESS-ES9218P Datasheet
2Mb / 101P
32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com