Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4921 Datasheet(PDF) 8 Page - Texas Instruments

Part # LM4921
Description  LM4921 Low Voltage I2S 16-Bit Stereo DAC with Stereo Headphone Power Amplifiers and Volume Control
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4921 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM4921 Datasheet HTML 4Page - Texas Instruments LM4921 Datasheet HTML 5Page - Texas Instruments LM4921 Datasheet HTML 6Page - Texas Instruments LM4921 Datasheet HTML 7Page - Texas Instruments LM4921 Datasheet HTML 8Page - Texas Instruments LM4921 Datasheet HTML 9Page - Texas Instruments LM4921 Datasheet HTML 10Page - Texas Instruments LM4921 Datasheet HTML 11Page - Texas Instruments LM4921 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
LM4921
SNAS178E – JULY 2003 – REVISED MAY 2013
www.ti.com
Electrical Characteristics-Digital Inputs DVDD = 3.0V
(1) (2)
The following specifications apply for the circuit shown in Figure 1 unless otherwise specified. Limits apply for TA = 25°C.
LM4921
Units
Symbol
Parameter
Conditions
(Limits)
Typical(3)
Limit(4)(5)
Resolution
16
Bits
I2S
Audio Data Interface Format
Standard, I2S, Left Justified
fMCLK
Master Clock Frequency
11.2896
MHz
(256FS)
fCONV
Sampling Clock Frequency Range
44.1
48
kHz
VIL
Digital Input: Logic Low Voltage
0.3 X DVDD
V (max)
Level
VIH
Digital Input: Logic High Voltage
0.7 X DVDD
V (min)
Level
tES
SPI_ENB Setup Time
20
ns (min)
tEH
SPI_ENB Hold Time
20
ns (min)
tEL
SPI_ENB Low Time
30
ns (min)
tDS
SPI_Data Setup Time
20
ns (min)
tDH
SPI_Data Hold Time
20
ns (min)
tCS
SPI_CLK Setup Time
20
ns (min)
tCH
SPI_CLK High Pulse Width
100
ns (min)
tCL
SPI_CLK Low Pulse Width
100
ns (min)
fCLK
SPI_CLK Frequency
5
MHz (max)
tCLKI2S
I2S_CLK Period
50
ns (min)
tHII2S
I2S_CLK High Pulse Width
20
ns (min)
I2S_CLK Low Pulse Width
20
ns (min)
tLOI2S
I2S_LRCLK Duty Cycle
50
%
tSLRCLK
I2S_LRCLK to I2S_CLK Setup Time
20
ns (min)
tHLRCLK
I2S_LRCLK to I2S_CLK Hold Time
20
ns (min)
tSDI2S
I2S_Data to I2S_CLK Setup Time
20
ns (min)
tHDI2S
I2S_Data to I2S_CLK Hold Time
20
ns (min)
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given, however, the typical value is a good indication
of device performance.
(2)
All voltages are measured with respect to the GND pin, unless otherwise specified.
(3)
Typicals are measured at 25°C and represent the parametric norm.
(4)
Limits are specified to AOQL (Average Outgoing Quality Level).
(5)
Datasheet min/max specification limits are specified by design, test, or statistical analysis.
8
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LM4921



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com