Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4921 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM4921
Description  LM4921 Low Voltage I2S 16-Bit Stereo DAC with Stereo Headphone Power Amplifiers and Volume Control
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4921 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM4921 Datasheet HTML 8Page - Texas Instruments LM4921 Datasheet HTML 9Page - Texas Instruments LM4921 Datasheet HTML 10Page - Texas Instruments LM4921 Datasheet HTML 11Page - Texas Instruments LM4921 Datasheet HTML 12Page - Texas Instruments LM4921 Datasheet HTML 13Page - Texas Instruments LM4921 Datasheet HTML 14Page - Texas Instruments LM4921 Datasheet HTML 15Page - Texas Instruments LM4921 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
LM4921
SNAS178E – JULY 2003 – REVISED MAY 2013
www.ti.com
APPLICATION INFORMATION
SPI OPERATIONAL DESCRIPTION
The serial data bits are organized into a field which contains 16 bits of data defined by Table 1. Bits 1 & 2
determine the output mode of the LM4921 as shown in Table 2. Bits 7 through 11 determine the volume level
setting as illustrated by Table 3. Bit 12 sets the Bypass capacitor charging time.
Table 1. Bit Allocation
BIT #
Default Val
Function
Description
0 (LSB)
0
RESET_B
RESET_B = 0, Resets the DAC
Must be high for the part to run.
1
0
MODE CONTROL
See Table 2
2
0
3
0
MASTER/SLAVE
0 = SLAVE, 1 = MASTER
4
0
RESOLUTION
0 = 16 bit, 1 = 32 bit
5
0
RESERVED
Should always be set to '1'
6
0
ZERO CROSSING SET
0 = ZXD ENABLE, 1 = ZXD DISABLE
7
0
VOLUME CONTROL
See Table 3
8
0
9
0
10
0
11
0
12
0
BYP CHARGE RATE
0 = 1X, 1 = 2X
13
0
RESERVED
14
0
RESERVED
15 (MSB)
0
RESERVED
Should always be set to '0'
MODE CONTROL
Sets the modes as outlined in Table 2.
Table 2. Output Mode Selection (Bits 1 & 2 above)
Output Mode #
BIT 2
BIT 1
MODE
0
0
0
SD
1
0
1
STANDBY
2
1
0
MUTE
3
1
1
ACTIVE
Shutdown turns off the part completely for maximum power savings. The Standby mode turns off the clock but
still consumes more power than the shutdown mode. However, coming out of standby mode allows the part to
turn back on faster than from shutdown. In Mute mode the clocks remain on which uses more power but allows
faster recovery and the ability to supply clock signals to other devices which is important when the part is used in
master mode. Active mode turns the part on for normal operation.
MASTER/SLAVE SELECT
Allows the part to act as a master and supply the clock for the rest of the system or be a slave to the system
clock.
RESOLUTION SET
Sets the resolution to be either 16 or 32 bits of stereo audio information. For most applications this will be set at
16 bits.
12
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LM4921



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com