Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4921 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM4921
Description  LM4921 Low Voltage I2S 16-Bit Stereo DAC with Stereo Headphone Power Amplifiers and Volume Control
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4921 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM4921 Datasheet HTML 2Page - Texas Instruments LM4921 Datasheet HTML 3Page - Texas Instruments LM4921 Datasheet HTML 4Page - Texas Instruments LM4921 Datasheet HTML 5Page - Texas Instruments LM4921 Datasheet HTML 6Page - Texas Instruments LM4921 Datasheet HTML 7Page - Texas Instruments LM4921 Datasheet HTML 8Page - Texas Instruments LM4921 Datasheet HTML 9Page - Texas Instruments LM4921 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
LM4921
SNAS178E – JULY 2003 – REVISED MAY 2013
www.ti.com
Electrical Characteristics DVDD = 3.0V, AVDD = 5.0V, RL = 32Ω
(1) (2)
The following specifications apply for the circuit shown in Figure 1 unless otherwise specified. Limits apply for TA = 25°C.
LM4921
Units
Symbol
Parameter
Conditions
(Limits)
Typical(3)
Limit(4)(5)
DVDD
Digital Power Supply Voltage
See (6)
3.0
V
AVDD
Analog Power Supply Voltage
See (6)
5.0
V
DIDD
Digital Power Supply Quiescent
RLoad = ∞, fMLCK = 11.2896MHz
3.5
7.5
mA (max)
Current
AIDD
Analog Power Supply Quiescent
RLoad = ∞, fMCLK = 0MHz
6
10
mA (max)
Current
ISD
Total Shutdown Power Supply
SHUTDOWN SPI bits 1 & 2 set to
Current
logic 0,
1
5
uA(max)
SPI, MCLK and I
2S inputs at GND
ISB
Standby Current
Analog and Digital together
25
uA
All clocks off
VFS
Full-Scale Output Voltage
Gain set at max
3.5
VP-P
THD+N
Total Harmonic Distortion + Noise
fIN = 1kHz, POUT = 12mW
(Vol Control = 11111, I2S input adj to
0.03
%
get 12mW at output)
PO
Headphone Amplifier Output Power
THD = (0.5%), fOUT = 1kHz
50
40
mW (min)
AVDD CBYPASS = 2.0µF
PSRR
Power Supply Rejection Ratio
62
45
dB (min)
VRIPPLE = 200mVP-P 217Hz
SNR
Signal-to-Noise Ratio
fIN = 1kHz sinewave at -60dBFS,
82
dB
A-weighted-fCONV = 44.1kHz
DR
Dynamic Range
fIN = 1kHz sinewave at -60dBFS,
84
dB
A-weighted
ΔACH-CH
Channel-to-Channel Gain Mismatch
fIN = 1kHz
0.06
dB
XTALK
Channel-to-Channel Crosstalk
fCONV = 44.1kHz,
72
dB
fIN = 1kHz sinewave at -3dBFS
Volume Control Range
Minimum Attenuation
+3.0
dB
Maximum Attenuation
-43.5
dB
Volume Control Control Step Size
1.5
dB
Mute Attenuation
-102
dB
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given, however, the typical value is a good indication
of device performance.
(2)
All voltages are measured with respect to the GND pin, unless otherwise specified.
(3)
Typicals are measured at 25°C and represent the parametric norm.
(4)
Limits are specified to AOQL (Average Outgoing Quality Level).
(5)
Datasheet min/max specification limits are specified by design, test, or statistical analysis.
(6)
Best operation is achieved by maintaining 3.0V
≤ AVDD ≤ 5.0V and 3.0V ≤ DVDD ≤ 5.0V.
6
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LM4921



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com