Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9071 Datasheet (PDF) - Texas Instruments

LM9071 Datasheet PDF - Texas Instruments
Part # LM9071
Download  LM9071 Download
File Size   539.98 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM9071 Low-Dropout System Voltage Regulator with Delayed Reset

LM9071 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM9071 Datasheet PDF - Texas Instruments

Part # LM9071
Download  LM9071 Click to download

File Size   539.98 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM9071 Low-Dropout System Voltage Regulator with Delayed Reset

LM9071 Datasheet (HTML) - Texas Instruments


LM9071 Product details

1FEATURES
2• Automotive Application Reliability
• 3% Output Voltage Tolerance
• Insensitive to Radiated RFI
• Dropout Voltage Less than 800 mV with 250
mA Output Current
• Externally Programmed Reset Delay Interval
• Thermal Shutdown
• Short Circuit Protection
• Reverse Battery Protection
• Wide Operating Temperature Range −40°C to
+125°C
• TO-220 and TO-263 Power Surface Mount
Power Packages
• Pin for Pin Compatible with the LM2927, L4947
and TLE4260

DESCRIPTION
The LM9071 is a 5V, 250 mA low-dropout voltage
regulator. The regulator features an active low
delayed reset output flag which can be used to reset
a microprocessor system on turn-ON and in the event
that the regulator output falls out of regulation for any
reason. An external capacitor programs a delay time
interval before the reset output can return high.
Designed for automotive application the LM9071
contains a variety of protection features such as
reverse battery, over-voltage shutdown, thermal
shutdown, input transient protection and a wide
operating temperature range.
Design techniques have been employed to allow the
regulator to remain operational and not generate false
reset signals when subjected to high levels of RF
energy (300V/m from 2 MHz to 400 MHz).




Similar Part No. - LM9071

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9071 NSC-LM9071 Datasheet
193Kb / 7P
Low-Dropout System Voltage Regulator with Delayed Reset
logo
Texas Instruments
LM9071 TI1-LM9071 Datasheet
979Kb / 15P
Low-Dropout System Voltage Regulator
logo
National Semiconductor ...
LM9071S NSC-LM9071S Datasheet
193Kb / 7P
Low-Dropout System Voltage Regulator with Delayed Reset
logo
Texas Instruments
LM9071S/NOPB TI1-LM9071S/NOPB Datasheet
979Kb / 15P
Low-Dropout System Voltage Regulator
LM9071SX TI1-LM9071SX Datasheet
979Kb / 15P
Low-Dropout System Voltage Regulator
More results


Similar Description - LM9071

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2826 NSC-LM2826 Datasheet
319Kb / 9P
Low Dropout Regulator with Delayed Reset
LM2925 NSC-LM2925 Datasheet
223Kb / 8P
Low Dropout Regulator with Delayed Reset
LM2926 NSC-LM2926 Datasheet
404Kb / 10P
Low Dropout Regulator with Delayed Reset
LM9071 NSC-LM9071 Datasheet
193Kb / 7P
Low-Dropout System Voltage Regulator with Delayed Reset
logo
Texas Instruments
TPS7301Q TI-TPS7301Q Datasheet
638Kb / 43P
LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED DELAYED RESET FUNCTION
logo
Cherry Semiconductor Co...
CS8122 CHERRY-CS8122 Datasheet
175Kb / 8P
2% 5V, 750mA Low Dropout Linear Regulator with Delayed RESET
Rev. 2/5/99
CS8126 CHERRY-CS8126 Datasheet
207Kb / 9P
5V, 750mA Low Dropout Linear Regulator with Delayed RESET
Rev. 5/4/99
logo
NEC
UPC2260 NEC-UPC2260 Datasheet
72Kb / 12P
LOW DROPOUT VOLTAGE REGULATOR WITH SYSTEM RESET PIN
logo
HTC Korea TAEJIN Techno...
LM2925 HTC-LM2925 Datasheet
228Kb / 8P
Low Dropout Regulator with Delayed Reset
logo
Texas Instruments
TPS7301Q TI1-TPS7301Q_16 Datasheet
1Mb / 45P
LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED DELAYED RESET FUNCTION
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com