Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSS-113PIN Datasheet (PDF) - Tyco Electronics

DSS-113PIN Datasheet PDF - Tyco Electronics
Part # DSS-113PIN
Download  DSS-113PIN Download
File Size   138.2 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Two-Way Power Divider, 400 KHz - 400 MHz

DSS-113PIN Datasheet (PDF)

Go To PDF Page Download Datasheet
DSS-113PIN Datasheet PDF - Tyco Electronics

Part # DSS-113PIN
Download  DSS-113PIN Click to download

File Size   138.2 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Two-Way Power Divider, 400 KHz - 400 MHz

DSS-113PIN Datasheet (HTML) - Tyco Electronics




Similar Part No. - DSS-113PIN

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
DSS-113PIN MA-COM-DSS-113PIN Datasheet
120Kb / 3P
Two-Way Power Divider, 400 KHz - 400 MHz
DSS-113PIN MA-COM-DSS-113PIN Datasheet
601Kb / 4P
Two-Way Power Divider
More results


Similar Description - DSS-113PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DSS-313 MACOM-DSS-313 Datasheet
106Kb / 2P
Two-Way Power Divider 10 - 2000 MHz
MTH-50 MACOM-MTH-50 Datasheet
127Kb / 1P
Two-Way Power Dividers 1 - 100 MHz and 40 - 400 MHz
PD10-0041-S MACOM-PD10-0041-S Datasheet
14Kb / 1P
Two-Way In-Phase Power Divider 0.4 - 400 MHz
THV-50 MACOM-THV-50 Datasheet
115Kb / 2P
Two-Way Power Dividers 2 - 200 MHz and 20 - 400 MHz
logo
M/A-COM Technology Solu...
DS-319 MA-COM-DS-319 Datasheet
76Kb / 3P
Two-Way Power Divider, 10 - 500 MHz
DS-332 MA-COM-DS-332 Datasheet
107Kb / 2P
Two-Way Power Divider, 400 KHz - 400 MHz
DSS-113 MA-COM-DSS-113 Datasheet
120Kb / 3P
Two-Way Power Divider, 400 KHz - 400 MHz
DSS-313 MA-COM-DSS-313 Datasheet
73Kb / 3P
Two-Way Power Divider, 10 - 2000 MHz
MTH-50 MA-COM-MTH-50 Datasheet
56Kb / 2P
Two-Way Power Dividers, 1 - 100 MHz and 40 - 400 MHz
THV-50 MA-COM-THV-50 Datasheet
69Kb / 2P
Two-Way Power Dividers, 2 - 200 MHz and 20 - 400 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com