Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2107 Datasheet (PDF) - Sealevel Systems, Inc.

2107 Datasheet PDF - Sealevel Systems, Inc.
Part # 2107
Download  2107 Download
File Size   317.02 Kbytes
Page   2 Pages
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.
Description USB to 1-Port RS-485 DB9 Serial Interface Adapter

2107 Datasheet (PDF)

Go To PDF Page Download Datasheet
2107 Datasheet PDF - Sealevel Systems, Inc.

Part # 2107
Download  2107 Click to download

File Size   317.02 Kbytes
Page   2 Pages
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.
Description USB to 1-Port RS-485 DB9 Serial Interface Adapter

2107 Datasheet (HTML) - Sealevel Systems, Inc.


2107 Product details

Features
• Compliant with RoHS and WEEE directives
• Rugged, military-grade enclosure improves durability
in mobile and industrial applications
• High-speed UART with 128-byte Tx FIFO and 384-byte
Rx FIFO
• Programmable baud rate and data formats
• Supports data rates to 921.6K bps
• Status LEDs molded into enclosure indicate serial
data activity and connection to host
• Supports 2-wire RS-485 networks
• Powered by USB host connection
• Sealevel SeaCOM software supports Microsoft
Windows and Linux operating systems
• Attached cable is approximately 44 inches in length
• Overall length is 48 inches
• Standard DB9M serial connector
• Includes removable 5-position terminal block adapter
(Item# TB34)




Similar Part No. - 2107

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
2107 GILWAY-2107 Datasheet
65Kb / 1P
T-1 Subminiature Lamps
logo
Heyco.
2107 HEYCO-2107 Datasheet
105Kb / 1P
Universal Bushings
logo
Belden Inc.
2107 BELDEN-2107 Datasheet
492Kb / 4P
Fast Ethernet Cat5e Data Double-Ended Cordset
02-03-2025
logo
Adafruit Industries
2107 ADAFRUIT-2107 Datasheet
95Kb / 1P
Adafruit USB Isolator - 100mA Isolated Low/Full Speed USB
logo
Molex Electronics Ltd.
2107-1(P901) MOLEX2-2107-1(P901) Datasheet
176Kb / 2P
CRIMP TERMINAL, FEMALE FOR .045/(1.14) PINS 18-30 AWG WIRE
More results


Similar Description - 2107

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P440-89FF TRIPPLITE-P440-89FF Datasheet
167Kb / 2P
DB9 to RJ45 Modular Serial Adapter (F/F), RS-232, RS-422, RS-485
P440-89FM TRIPPLITE-P440-89FM Datasheet
166Kb / 2P
DB9 to RJ45 Modular Serial Adapter (M/F), RS-232, RS-422, RS-485
logo
Moxa Inc.
1000 MOXA-1000 Datasheet
1Mb / 8P
1 to 16-port RS-232/422/485 USB-to-serial converters
logo
Coolgear Inc.
USB-4COMI-M COOLGEAR-USB-4COMI-M Datasheet
65Kb / 1P
4-Port RS-422 / 485 USB to Serial Adapter
7/13/2016
USB-32COM-RM COOLGEAR-USB-32COM-RM Datasheet
98Kb / 1P
32 Port RS-232 USB-to-Serial Adapter
USB-8COMI-RM COOLGEAR-USB-8COMI-RM Datasheet
127Kb / 2P
8 Port USB to RS-232/422/485 Octal Adapter
USBG-232FT-1 COOLGEAR-USBG-232FT-1 Datasheet
133Kb / 2P
Dual Port RS-232 USB-to-Serial Plugin Adapter
USB-16COMI-M COOLGEAR-USB-16COMI-M Datasheet
102Kb / 1P
16-Port RS-422 485 USB-to-Serial Adapter
USB-2COMI-SI-M COOLGEAR-USB-2COMI-SI-M Datasheet
129Kb / 2P
2 Port USB to RS-422 /485 Optical Isolated Adapter
USB-COMI-PRO COOLGEAR-USB-COMI-PRO Datasheet
224Kb / 2P
1-Port USB to Serial Adapter (RS-232/422/485) , DIN-rail
10/13/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com