Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2107 Datasheet(PDF) 2 Page - Sealevel Systems, Inc.

Part # 2107
Description  USB to 1-Port RS-485 DB9 Serial Interface Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.

2107 Datasheet(HTML) 2 Page - Sealevel Systems, Inc.

  2107 Datasheet HTML 1Page - Sealevel Systems, Inc. 2107 Datasheet HTML 2Page - Sealevel Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Features & Specifications
USB to 1-Port RS-485 DB9 Serial Interface Adapter
Part: 2107 | Model: SeaLINK+485-DB9
Features
• Compliant with RoHS and WEEE directives
• Rugged, military-grade enclosure improves durability
in mobile and industrial applications
• High-speed UART with 128-byte Tx FIFO and 384-byte
Rx FIFO
• Programmable baud rate and data formats
• Supports data rates to 921.6K bps
• Status LEDs molded into enclosure indicate serial
data activity and connection to host
• Supports 2-wire RS-485 networks
• Powered by USB host connection
• Sealevel SeaCOM software supports Microsoft
Windows and Linux operating systems
• Attached cable is approximately 44 inches in length
• Overall length is 48 inches
• Standard DB9M serial connector
• Includes removable 5-position terminal block adapter
(Item# TB34)
Specifications
Family
SeaLINK
Communications
Chip
USB/UART
Dimensions
Overmold: 2.24” (L) x 1.3” (W) x 0.6”
(H)Overall Length: 60”
Electrical Interface
RS-485
Humidity Range
10 – 90% Relative Humidity,
Non-Condensing
Host Interface(s)
USB
Max Data Distance
4000 feet
Max Data Rate
921.6K bps
Operating
Temperature
-40°C to 75°C (-40°F to 167°F)
# of Ports
1
Power Requirement
+5V @ 100mA
RoHS Compliant
Yes
Serial Connector(s)
DB9M
Storage
Temperature
-50°C to 105°C (-58°F to 221°F)
USB Powered
Yes
USB Specification
1.1 Compliant, 2.0 Compatible
Since 1986
Design & Manufacturing Experience
Long-term Availability Guaranteed
Lifetime Warranty
sealevel.com
+ 1 864.843.4343
SL9314-L21



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com