Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2107 Datasheet(PDF) 1 Page - Sealevel Systems, Inc.

Part # 2107
Description  USB to 1-Port RS-485 DB9 Serial Interface Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.

2107 Datasheet(HTML) 1 Page - Sealevel Systems, Inc.

  2107 Datasheet HTML 1Page - Sealevel Systems, Inc. 2107 Datasheet HTML 2Page - Sealevel Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USB to 1-Port RS-485 DB9
Serial Interface Adapter
The 2107 provides a single port USB to RS-485 asynchronous serial port and versatile interface for common RS-485 applications.
The adapter utilizes Sealevel’s expertise in military-grade designs by incorporating a ruggedized, over-molded enclosure. This
improves the reliability and durability in automation, factory floor, industrial and mobile RS-485 applications.
The 2107 supports 2-wire RS-485 networks and includes a removable terminal block adapter (Item# TB34) that simplifies field
wiring. Thumbscrews on the TB34 secure the terminal block adapter to the serial port and prevent accidental disconnection.
The USB serial adapter features programmable baud rate and data formats with 128-byte transmit and 384-byte receive buffers. The
adapter is compatible with all standard PC baud rates and supports high-speed communication to 921.6K bps. The 2107 is powered
by the USB port and status LEDs molded into the enclosure indicate serial data activity and connection to the host.
Sealevel SeaCOM USB software drivers and utilities make installation and operation easy using Microsoft Windows and Linux
operating systems. After installing the software, simply plug the 2107 into an available USB port and the serial port is recognized as
a standard COM port by the host system enabling compatibility with legacy software.
The attached cable is approximately 44 inches long and fully shielded to protect the 2107 from RF and EMI interference that is
common in mobile and industrial environments. The 2107 operates over an extended temperature range of -40°C to 75°C.
Do you know that adapter design can impact your application? Find out how in this USB Serial performance report.
The 2107 has a DB-9M connector and includes a removable terminal block. If you need a DB-25M connector, order the 2102.
Delivering Design & Manufacturing Excellence Since 1986
Part: 2107 | Model: SeaLINK+485-DB9


Similar Part No. - 2107

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
2107 GILWAY-2107 Datasheet
65Kb / 1P
T-1 Subminiature Lamps
logo
Heyco.
2107 HEYCO-2107 Datasheet
105Kb / 1P
Universal Bushings
logo
Belden Inc.
2107 BELDEN-2107 Datasheet
492Kb / 4P
Fast Ethernet Cat5e Data Double-Ended Cordset
02-03-2025
logo
Adafruit Industries
2107 ADAFRUIT-2107 Datasheet
95Kb / 1P
Adafruit USB Isolator - 100mA Isolated Low/Full Speed USB
logo
Molex Electronics Ltd.
2107-1(P901) MOLEX2-2107-1(P901) Datasheet
176Kb / 2P
CRIMP TERMINAL, FEMALE FOR .045/(1.14) PINS 18-30 AWG WIRE
More results

Similar Description - 2107

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P440-89FF TRIPPLITE-P440-89FF Datasheet
167Kb / 2P
DB9 to RJ45 Modular Serial Adapter (F/F), RS-232, RS-422, RS-485
P440-89FM TRIPPLITE-P440-89FM Datasheet
166Kb / 2P
DB9 to RJ45 Modular Serial Adapter (M/F), RS-232, RS-422, RS-485
logo
Moxa Inc.
1000 MOXA-1000 Datasheet
1Mb / 8P
1 to 16-port RS-232/422/485 USB-to-serial converters
logo
Coolgear Inc.
USB-4COMI-M COOLGEAR-USB-4COMI-M Datasheet
65Kb / 1P
4-Port RS-422 / 485 USB to Serial Adapter
7/13/2016
USB-32COM-RM COOLGEAR-USB-32COM-RM Datasheet
98Kb / 1P
32 Port RS-232 USB-to-Serial Adapter
USB-8COMI-RM COOLGEAR-USB-8COMI-RM Datasheet
127Kb / 2P
8 Port USB to RS-232/422/485 Octal Adapter
USBG-232FT-1 COOLGEAR-USBG-232FT-1 Datasheet
133Kb / 2P
Dual Port RS-232 USB-to-Serial Plugin Adapter
USB-16COMI-M COOLGEAR-USB-16COMI-M Datasheet
102Kb / 1P
16-Port RS-422 485 USB-to-Serial Adapter
USB-2COMI-SI-M COOLGEAR-USB-2COMI-SI-M Datasheet
129Kb / 2P
2 Port USB to RS-422 /485 Optical Isolated Adapter
USB-COMI-PRO COOLGEAR-USB-COMI-PRO Datasheet
224Kb / 2P
1-Port USB to Serial Adapter (RS-232/422/485) , DIN-rail
10/13/2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com