Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7634EB Datasheet (PDF) - Texas Instruments

DAC7634EB Datasheet PDF - Texas Instruments
Part # DAC7634EB
Download  DAC7634EB Download
File Size   757.26 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER

DAC7634EB Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC7634EB Datasheet PDF - Texas Instruments

Part # DAC7634EB
Download  DAC7634EB Click to download

File Size   757.26 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER

DAC7634EB Datasheet (HTML) - Texas Instruments


DAC7634EB Product details

FEATURES
· Low Power: 10 mW digital·
Unipolar or Bipolar Operation
· Settling Time: 10 μs to 0.003%
· 15-Bit Linearity and Monotonicity:
–40°C to 85°C
· Programmable Reset to Mid-Scale
or Zero-Scale
· Double-Buffered Data Inputs

APPLICATIONS
· Process Control
· Closed-Loop Servo-Control
· Motor Control
· Data Acquisition Systems
· DAC-Per-Pin Programmers

DESCRIPTION
The DAC7634 is a 16-bit, quad voltage output, digital·
to-analog converter with specified 15-bit monotonic
performance over the specified temperature range. It
accepts 24-bit serial input data, has double-buffered
DAC input logic (allowing simultaneous update of all
DACs), and provides a serial data output for
daisy-chaining multiple DACs. Programmable
asynchronous reset clears all registers to a mid-scale
code of 8000H or to a zero-scale of 0000H. The DAC7634 can operate from a single 5-V supply or
from 5-V and –5 V supplies.
Low power and small size per DAC make the
DAC7634 ideal for automatic test equipment,
DAC-per-pin programmers, data acquisition systems,
and closed-loop servo-control. The DAC7634 is
available in a 48-lead SSOP package and offers
specifications over the –40°C to 85°C temperature
range.




Similar Part No. - DAC7634EB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7634EB BURR-BROWN-DAC7634EB Datasheet
554Kb / 27P
16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7634EB TI1-DAC7634EB Datasheet
757Kb / 31P
16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7634EB/1K TI1-DAC7634EB/1K Datasheet
757Kb / 31P
16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7634EB/1KG4 TI1-DAC7634EB/1KG4 Datasheet
757Kb / 31P
16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7634EBG4 TI1-DAC7634EBG4 Datasheet
757Kb / 31P
16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results


Similar Description - DAC7634EB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7644 BURR-BROWN-DAC7644 Datasheet
349Kb / 21P
16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7744 BURR-BROWN-DAC7744 Datasheet
458Kb / 23P
16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7664 TI-DAC7664 Datasheet
452Kb / 28P
16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7634 BURR-BROWN-DAC7634 Datasheet
554Kb / 27P
16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7734 TI1-DAC7734_14 Datasheet
1Mb / 31P
16-Bit, Quad Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7744 TI1-DAC7744_14 Datasheet
1Mb / 28P
16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7634 TI1-DAC7634_08 Datasheet
757Kb / 31P
16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7644 TI1-DAC7644_08 Datasheet
552Kb / 25P
16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7654 TI1-DAC7654_15 Datasheet
1Mb / 33P
16-Bit, Quad Voltage Output Digital-to-Analog Converter
DAC7664 TI1-DAC7664_15 Datasheet
1Mb / 32P
16-Bit, Quad Voltage Output Digital-to-Analog Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com