Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7634EB Datasheet(PDF) 2 Page - Texas Instruments

Part # DAC7634EB
Description  16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7634EB Datasheet(HTML) 2 Page - Texas Instruments

  DAC7634EB Datasheet HTML 1Page - Texas Instruments DAC7634EB Datasheet HTML 2Page - Texas Instruments DAC7634EB Datasheet HTML 3Page - Texas Instruments DAC7634EB Datasheet HTML 4Page - Texas Instruments DAC7634EB Datasheet HTML 5Page - Texas Instruments DAC7634EB Datasheet HTML 6Page - Texas Instruments DAC7634EB Datasheet HTML 7Page - Texas Instruments DAC7634EB Datasheet HTML 8Page - Texas Instruments DAC7634EB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
DAC7634
SBAS134B
– JULY 2004 –REVISED DECEMBER 2005
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated
circuits be handled with appropriate precautions. Failure to observe proper handling and installation
procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision
integrated circuits may be more susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
ABSOLUTE MAXIMUM RATINGS
(1)
UNIT
VCC and VDD to VSS
–0.3 V to 11 V
VCC and VDD to GND
–0.3 V to 5.5 V
VREFL to VSS
–0.3 V to (V
CC - VSS)
VCC to VREFH
–0.3 V to (V
CC - VSS)
VREFH to VREFL
–0.3 V to (V
CC - VSS)
Digital input voltage to GND
–0.3 V to V
DD + 0.3 V
Digital output voltage to GND
–0.3 V to V
DD + 0.3 V
TJ
Maximum junction temperature
150°C
TA
Operating temperature range
–40°C to 85°C
Tstg
Storage temperature range
–65°C to 125°C
Lead temperature (solder, 10s)
300°C
(1)
Stresses above those listed under "absolute maximum ratings" may cause permanent damage to the device. Exposure to absolute
maximum conditions for extended periods may affect device reliability.
SPECIFICATIONS
At T
A = TMIN to TMAX, VDD = VCC = 5 V, VSS = –5 V, VREFH = 2.5 V, and VREFL = –2.5 V, unless otherwise noted
PARAMETER
TEST CONDITIONS
DAC7634E
DAC7634EB
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
ACCURACY
Linearity error
±3
±4
±2
±3
LSB
Linearity match
±4
±2
LSB
Differential linearity error
±2
±3
±1
±2
LSB
Monotonicity, TMIN to TMAX
14
15
Bits
Bipolar zero error
±1
±2
±1
±2
mV
Bipolar zero error drift
5
10
5
10
ppm/°C
Full-scale error
±1
±2
±1
±2
mV
Full-scale error drift
5
10
5
10
ppm/°C
Bipolar zero matching
Channel-to-channel
matching
±1
±2
±1
±2
mV
Full-scale matching
Channel-to-channel
matching
±1
±2
±1
±2
mV
Power supply rejection ratio (PSRR)
At full scale
10
100
10
100
ppm/V
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com