Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7634EB Datasheet(PDF) 5 Page - Texas Instruments

Part # DAC7634EB
Description  16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7634EB Datasheet(HTML) 5 Page - Texas Instruments

  DAC7634EB Datasheet HTML 1Page - Texas Instruments DAC7634EB Datasheet HTML 2Page - Texas Instruments DAC7634EB Datasheet HTML 3Page - Texas Instruments DAC7634EB Datasheet HTML 4Page - Texas Instruments DAC7634EB Datasheet HTML 5Page - Texas Instruments DAC7634EB Datasheet HTML 6Page - Texas Instruments DAC7634EB Datasheet HTML 7Page - Texas Instruments DAC7634EB Datasheet HTML 8Page - Texas Instruments DAC7634EB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
www.ti.com
DAC7634
SBAS134B – JULY 2004 – REVISED DECEMBER 2005
PIN DESCRIPTIONS
PIN
NAME
DESCRIPTION
PIN
NAME
DESCRIPTION
1
NC
No connection
25
VCC
Analog +5-V power supply
2
NC
No connection
26
VCC
Analog +5-V power supply
3
SDI
Serial data input
27
AGND
Analog ground
4
DGND
Digital ground
28
AGND
Analog ground
5
CLK
Data clock input
29
VSS
Analog +5-V power supply or 0-V single supply
6
DGND
Digital ground
30
VSS
Analog +5-V power supply or 0-V single supply
7
LDAC
DAC register load control, rising edge triggered
31
VOUTD
DAC D output voltage
DAC D's output amplifier inverting input. Used to close
8
DGND
Digital ground
32
VOUTD Sense
feedback loop at load.
9
LOAD
DAC input register load control, active low
33
VREFL CD Sense
DAC C and D reference low sense input
10
DGND
Digital ground
34
VREFL CD
DAC C and D reference low input
11
CS
Chip select, active low
35
VREFH CD
DAC C and D reference high input
12
DGND
Digital ground
36
VREFH CD Sense
DAC C and D reference high sense input
13
SDO
Serial data output
37
VOUTC
DAC C output voltage
DAC C's output amplifier inverting input. Used to close
14
DGND
Digital ground
38
VOUTC Sense
the feedback loop at the load.
Reset Select. Determines the action of RST. If
HIGH, a RST common sets the DAC registers to
15
RSTSEL
39
VOUTB
DAC B output voltage
mid-scale (8000H). If LOW, a RST command sets
the DAC registers to zero (0000H).
DAC B's output amplifier inverting input. Used to close
16
DGND
Digital ground
40
VOUTB Sense
the feedback loop at the load.
Reset, rising edge triggered. Depending on the
17
RST
state of RSTSEL, the DAC registers are set to
41
VREFH AB Sense
DAC A and B reference high sense input
either mid-scale or zero.
18
DGND
Digital ground
42
VREFH AB
DAC A and B reference high input
19
NC
No connection
43
VREFL AB
DAC A and B reference low input
20
NC
No connection
44
VREFL AB Sense
DAC A and B reference low sense input
21
DGND
Digital ground
45
VSS
Analog –5-V power supply or 0-V single supply
22
DGND
Digital ground
46
AGND
Analog ground
23
VDD
Digital 5-V power supply
47
VOUTA
DAC A output voltage
DAC A's output amplifier inverting input. Used to close
24
VDD
Digital 5-V power supply
48
VOUTA Sense
the feedback loop at the load.
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com