Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS560MB410ZAST.B Datasheet (PDF) - Texas Instruments

DS560MB410ZAST.B Datasheet PDF - Texas Instruments
Part # DS560MB410ZAST.B
Download  DS560MB410ZAST.B Download
File Size   760.69 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS560MB410 Low-Power 56-Gbps PAM4 4-Channel Linear Redriver with Crosspoint

DS560MB410ZAST.B Datasheet (PDF)

Go To PDF Page Download Datasheet
DS560MB410ZAST.B Datasheet PDF - Texas Instruments

Part # DS560MB410ZAST.B
Download  DS560MB410ZAST.B Click to download

File Size   760.69 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS560MB410 Low-Power 56-Gbps PAM4 4-Channel Linear Redriver with Crosspoint

DS560MB410ZAST.B Datasheet (HTML) - Texas Instruments


DS560MB410ZAST.B Product details

1 Features
• Quad-channel multi-protocol linear equalizer
supporting up to 28-GBd (PAM4) and 32-GBd
(NRZ) interfaces
• Suitable for up to CEI-56G, Ethernet (400 GbE),
Fibre Channel (64GFC), InfiniBand™ (HDR), and
CPRI/eCPRI PCB and copper cable applications
• Selectable CTLE boost profiles to compensate
either PCB or cable loss
• Integrated 2×2 crosspoint with pin or register
control for mux, fanout, and signal crossing
• Low power consumption: 160 mW / channel
(typical)
• No heat sink required
• Linear equalization with CTLE for seamless
support of CR/KR link training, auto-negotiation,
and FEC pass-through
• Extends long-reach links by 18-dB+ beyond
normal ASIC-to-ASIC capability at 13.28 GHz
• Eye expander for PAM-4 eye symmetry
enhancement
• Low input-to-output latency: 80 ps (typical)
• Low additive random jitter
• Small 6.00 mm × 6.00 mm BGA package for easy
flow-through routing
• No reference clock required
• Single 2.5-V ± 5% power supply
• –40°C to +85°C ambient temperature range

2 Applications
• Backplane (KR) and midplane C2C attachment
unit interface (AUI) reach extension
• Active copper cables (ACC) (SFP56, QSFP56,
QSFP-DD, or OSFP)
• Mux and de-mux for failover redundancy

3 Description
The DS560MB410 is a low-power, high-performance
four-channel linear equalizer supporting multi-rate,
multi-protocol interfaces up to 28 GBd using fourlevel
pulse amplitude modulation (PAM4), or up to
32 GBd using non-return-to-zero (NRZ) modulation.
It is used to extend the reach and robustness of highspeed
serial links for backplane, midplane, and active
copper cable (ACC) applications. The DS560MB410
can increase the reach between two ASICs by 18+ dB
beyond the normal ASIC-to-ASIC reach.
Each channel operates independently with a userselectable
CTLE boost profile optimized for equalizing
either PCB or copper cable loss profiles. The linear
nature of the DS560MB410’s equalization preserves
input signal characteristics traveling through the
redriver. This transparency allows link partner ASICs
to negotiate Tx equalizer coefficients freely during link
training and to support individual lane Forward Error
Correction (FEC) pass-through in mission mode with
minimal effect on latency.




Similar Part No. - DS560MB410ZAST.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS560MB410ZAST TI-DS560MB410ZAST Datasheet
752Kb / 12P
DS560MB410 Low-Power 56-Gbps PAM4 4-Channel Linear Redriver with Crosspoint
DECEMBER 2022
More results


Similar Description - DS560MB410ZAST.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB1002 TI1-TUSB1002 Datasheet
1Mb / 28P
USB3.1 10 Gbps Dual-Channel Linear Redriver
TUSB1046-DCI TI1-TUSB1046-DCI Datasheet
1Mb / 48P
USB Type-C DisplayPort ALT Mode 10 Gbps Linear Redriver Crosspoint Switch
TUSB1046A-DCI TI1-TUSB1046A-DCI Datasheet
1Mb / 46P
USB Type-C DisplayPort ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
TDP142 TI1-TDP142 Datasheet
866Kb / 34P
DisplayPort 8.1 Gbps Linear Redriver
TUSB1046A-DCI TI1-TUSB1046A-DCI_17 Datasheet
1Mb / 48P
USB Type-C DisplayPort ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
TUSB1002A TI1-TUSB1002A Datasheet
1Mb / 31P
USB3.2 10 Gbps Dual-Channel Linear Redriver
DS160PR822 TI-DS160PR822 Datasheet
1Mb / 31P
DS160PR822 PCIe 4.0 16-Gbps 8-Channel Linear Redriver with Four 2x2 Crosspoint
DS160UP822 TI-DS160UP822 Datasheet
1Mb / 31P
DS160UP822 UPI 2.0 16-Gbps 8-Channel Linear Redriver with Four 2x2 Crosspoint
DS560MB410 TI-DS560MB410 Datasheet
752Kb / 12P
DS560MB410 Low-Power 56-Gbps PAM4 4-Channel Linear Redriver with Crosspoint
DECEMBER 2022
DS560DF410 TI-DS560DF410 Datasheet
553Kb / 9P
DS560DF410 56 Gbps Multi-Rate 4-Channel Retimer with Crosspoint
MARCH 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com