Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3450 Datasheet (PDF) - Texas Instruments

LM3450 Datasheet PDF - Texas Instruments
Part # LM3450
Download  LM3450 Download
File Size   703.06 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LED Drivers with Active Power Factor Correction and Phase Dimming Decoder

LM3450 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM3450 Datasheet PDF - Texas Instruments

Part # LM3450
Download  LM3450 Click to download

File Size   703.06 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LED Drivers with Active Power Factor Correction and Phase Dimming Decoder

LM3450 Datasheet (HTML) - Texas Instruments


LM3450 Product details

1FEATURES
2• Critical Conduction Mode PFC
• Over-Voltage Protection
• Feedback Short Circuit Protection
• 70:1 PWM Decoded From Phase Dimmer
• Analog Dimming
• Programmable Dimming Range
• Digital Angle and Dimmer Detection
• Dynamic Holding Current
• Smooth Dimming Transitions
• Low Power Operation
• Start-Up Pre-Regulator Bias
• Precision Voltage Reference

APPLICATIONS
• Dimmable Downlights, Troffers, and Lowbays
• Large Form Factor Bulbs
• Indoor and Outdoor Area SSL
• Power Supply PFC

DESCRIPTION
The LM3450/50A is a power factor controller (PFC)
with separate phase dimming decoder. The PFC
regulates the output voltage while maintaining
excellent power factor. The phase dimming decoder
interprets the phase angle and remaps it to a 500Hz
PWM output. This device is ideal for implementing a dimmable off-line LED driver for 10-100W loads.
The phase dimming decoder has several unique
features. The input-output mapping is programmable
for design flexibility, while a dynamic filter and
variable sampling rate provide smooth uniform
dimming. A dynamic hold circuit ensures that the phase dimmer angle is decoded properly while
minimizing extra power loss.
The LM3450A is identical to the LM3450 with the
exception of one circuit operation. The dynamic hold
current is sampled in the LM3450 while it
continuously operates in the LM3450A. This
difference between the two devices defines the suitable applications for each. The following is a
general guideline for choosing the correct device:
• Any 120V designs with POUT > 15W - LM3450A
• Any 230V designs with POUT > 25W - LM3450A
• 120V 2-Stage designs with POUT < 15W - LM3450
• 230V 2-Stage designs with POUT < 25W - LM3450




Similar Part No. - LM3450

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3450 NSC-LM3450 Datasheet
1Mb / 28P
LED Driver with Active Power Factor Correction and Phase Dimming Decoder
LM3450 NSC-LM3450 Datasheet
3Mb / 26P
Evaluation Board Maximum LED Stack Voltage
logo
Texas Instruments
LM3450 TI1-LM3450 Datasheet
1Mb / 39P
LED Drivers with Active Power Factor Correction and Phase Dimming Decoder
LM3450 TI1-LM3450 Datasheet
1Mb / 40P
LED Drivers with Active Power Factor Correction and Phase Dimming Decoder
LM3450A TI1-LM3450A Datasheet
1Mb / 39P
LED Drivers with Active Power Factor Correction and Phase Dimming Decoder
More results


Similar Description - LM3450

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
DS2000-3 EMERSON-NETWORKPOWER-DS2000-3 Datasheet
1Mb / 4P
Active power factor correction
HPS3KW EMERSON-NETWORKPOWER-HPS3KW Datasheet
225Kb / 3P
Active Power Factor Correction
LPQ350 EMERSON-NETWORKPOWER-LPQ350 Datasheet
144Kb / 2P
Active power factor correction
NTS500 EMERSON-NETWORKPOWER-NTS500 Datasheet
457Kb / 3P
Active power factor correction
NTS500-M EMERSON-NETWORKPOWER-NTS500-M_09 Datasheet
680Kb / 3P
Active power factor correction
logo
National Semiconductor ...
LM3450 NSC-LM3450 Datasheet
1Mb / 28P
LED Driver with Active Power Factor Correction and Phase Dimming Decoder
logo
Texas Instruments
LM3450 TI1-LM3450_14 Datasheet
1Mb / 39P
LED Drivers with Active Power Factor Correction and Phase Dimming Decoder
LM3450 TI1-LM3450 Datasheet
1Mb / 40P
LED Drivers with Active Power Factor Correction and Phase Dimming Decoder
logo
Artesyn Technologies
NTS353 ARTESYN-NTS353 Datasheet
891Kb / 5P
Active power factor correction
logo
Bel Fuse Inc.
ABC200 BEL-ABC200 Datasheet
1Mb / 11P
Active Power Factor Correction
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com