Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOG104 Datasheet (PDF) - Texas Instruments

LOG104 Datasheet PDF - Texas Instruments
Part # LOG104
Download  LOG104 Download
File Size   466.09 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Precision LOGARITHMIC AND LOG RATIO AMPLIFIER

LOG104 Datasheet (PDF)

Go To PDF Page Download Datasheet
LOG104 Datasheet PDF - Texas Instruments

Part # LOG104
Download  LOG104 Click to download

File Size   466.09 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Precision LOGARITHMIC AND LOG RATIO AMPLIFIER

LOG104 Datasheet (HTML) - Texas Instruments


LOG104 Product details

FEATURES
EASY-TO-USE COMPLETE CORE FUNCTION
HIGH ACCURACY: 0.01% FSO Over 5 Decades
WIDE INPUT DYNAMIC RANGE:
7.5 Decades, 100pA to 3.5mA
LOW QUIESCENT CURRENT: 1mA
WIDE SUPPLY RANGE: ±4.5V to ±18V

APPLICATIONS
LOG, LOG RATIO COMPUTATION:
Communication, Analytical, Medical, Industrial,
Test, General Instrumentation
PHOTODIODE SIGNAL COMPRESSION AMP
ANALOG SIGNAL COMPRESSION IN FRONT
OF ANALOG-TO-DIGITAL(A/D) CONVERTER

DESCRIPTION
The LOG104 is a versatile integrated circuit that computes
the logarithm or log ratio of an input current relative to a
reference current.
The LOG104 is tested over a wide dynamic range of input
signals. In log ratio applications, a signal current can come
from a photodiode, and a reference current from a resistor in
series with a precision external reference.
The output signal at VOUT is trimmed to 0.5V per decade of
input current, allowing seven decades of input current, dynamic
range.
Low DC offset voltage and temperature drift allow accurate
measurement of low-level signals over a wide environmental
temperature range. The LOG104 is specified over the temperature
range –5°C to +75°C, with operation over –40°C to
+85°C.




Similar Part No. - LOG104

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LOG104 TI-LOG104 Datasheet
273Kb / 13P
LOGARITHMIC AND LOG RATIO AMPLIFIER
LOG104AID TI-LOG104AID Datasheet
273Kb / 13P
LOGARITHMIC AND LOG RATIO AMPLIFIER
LOG104AID TI1-LOG104AID Datasheet
296Kb / 15P
LOGARITHMIC AND LOG RATIO AMPLIFIER
LOG104AIDE4 TI1-LOG104AIDE4 Datasheet
296Kb / 15P
LOGARITHMIC AND LOG RATIO AMPLIFIER
LOG104AIDR TI-LOG104AIDR Datasheet
273Kb / 13P
LOGARITHMIC AND LOG RATIO AMPLIFIER
More results


Similar Description - LOG104

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
LOG100 BURR-BROWN-LOG100 Datasheet
123Kb / 9P
Precision LOGARITHMIC AND LOG RATIO AMPLIFIER
logo
Texas Instruments
LOG102 TI-LOG102 Datasheet
247Kb / 13P
LOGARITHMIC AND LOG RATIO AMPLIFIER
LOG104 TI-LOG104 Datasheet
273Kb / 13P
LOGARITHMIC AND LOG RATIO AMPLIFIER
logo
Burr-Brown (TI)
LOG101 BURR-BROWN-LOG101 Datasheet
281Kb / 13P
Precision LOGARITHMIC AND LOG RATIO AMPLIFIER
logo
Texas Instruments
LOG112AIDRE4 TI-LOG112AIDRE4 Datasheet
761Kb / 20P
Precision LOGARITHMIC AND LOG RATIO AMPLIFIERS
logo
Burr-Brown (TI)
LOG101AIDE4 BURR-BROWN-LOG101AIDE4 Datasheet
618Kb / 16P
Precision LOGARITHMIC AND LOG RATIO AMPLIFIER
logo
Texas Instruments
LOG101AIDE4 TI-LOG101AIDE4 Datasheet
608Kb / 16P
Precision LOGARITHMIC AND LOG RATIO AMPLIFIER
LOG100 TI1-LOG100 Datasheet
118Kb / 11P
LOGARITHMIC AND LOG RATIO AMPLIFIER
LOG102 TI1-LOG102_16 Datasheet
1Mb / 19P
LOGARITHMIC AND LOG RATIO AMPLIFIER
LOG104 TI1-LOG104_14 Datasheet
296Kb / 15P
LOGARITHMIC AND LOG RATIO AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com