Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOG104 Datasheet(PDF) 7 Page - Texas Instruments

Part # LOG104
Description  Precision LOGARITHMIC AND LOG RATIO AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LOG104 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LOG104 Datasheet HTML 3Page - Texas Instruments LOG104 Datasheet HTML 4Page - Texas Instruments LOG104 Datasheet HTML 5Page - Texas Instruments LOG104 Datasheet HTML 6Page - Texas Instruments LOG104 Datasheet HTML 7Page - Texas Instruments LOG104 Datasheet HTML 8Page - Texas Instruments LOG104 Datasheet HTML 9Page - Texas Instruments LOG104 Datasheet HTML 10Page - Texas Instruments LOG104 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
www.ti.com
LOG104
7
SBOS243C
FIGURE 7. Precision Current Inverter/Current Source.
1.5k
Ω
Photodiode
10nA to 1mA
10nA to 1mA
+5V
+5V
1.5k
Ω
+3.3V(1)
+3.3V)
1/2 OPA2335
1/2 OPA2335
OPA2335
1
2
BSH203
TLV271 or
(Back Bias
LOG104
Pin 1 or Pin 8
NOTE: (1) +3.3V bias is an arbitrary dc level < 5V that also
appears on the
−IN through the op amp where it
applies a reverse bias to the photodiode.
OPERATION ON SINGLE SUPPLY
Many applications do not have the dual supplies required to
operate the LOG104. Figure 10 shows the LOG104 config-
ured for operation with a single +5V supply.
VOLTAGE INPUTS
The LOG104 gives the best performance with current inputs.
Voltage inputs may be handled directly with series resistors,
but the dynamic input range is limited to approximately three
decades of input voltage by voltage noise and offsets. The
transfer function of Equation (13) applies to this configuration.
FIGURE 8. Precision Current Inverter/Current Source.
1.5k
Ω
+5V
+5V
1.5k
Ω
1.5k
Ω
100k
Ω
10nA to 1mA
LOG104
10nA to 1mA
100k
Ω
100k
Ω
+3.3V(1)
1/2 OPA2335
1/2 OPA2335
Photodiode
Back Bias
Pin 1 or Pin 8
100k
Ω
NOTE: (1) +3.3V bias is an arbitrary dc level < 5V that also
appears on the
−IN through the op amp where it
applies a reverse bias to the photodiode.
APPLICATION CIRCUITS
LOG RATIO
One of the more common uses of log ratio amplifiers is
to measure absorbance. A typical application is shown in
Figure 9.
Absorbance of the sample is A = log
λ
1´/ λ1
(3)
If D1 and D2 are matched A ∝ (0.5V) logI1/I2
(4)
DATA COMPRESSION
In many applications the compressive effects of the logarith-
mic transfer function are useful. For example, a LOG104
preceding a 12-bit A/D converter can produce the dynamic
range equivalent to a 20-bit converter.
FIGURE 9. Absorbance Measurement.
I
2
I
1
8
1
5
6
3
V
OUT
4
V+
V–
C
C
LOG104
D
2
D
1
Sample
λ
1
λ
1´
λ
1
Light
Source
8
1
3
6
4
5
1
2
35
4
–5V
1
µF
LOG104
1
µF
I
1
I
2
V
OUT
C
C
1
µF
TPS(1)
Single Supply +5V
(1) TPS60402DBV negative charge pump.
FIGURE 10. Single +5V Power-Supply Operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com