Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOG104 Datasheet(PDF) 9 Page - Texas Instruments

Part # LOG104
Description  Precision LOGARITHMIC AND LOG RATIO AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LOG104 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LOG104 Datasheet HTML 5Page - Texas Instruments LOG104 Datasheet HTML 6Page - Texas Instruments LOG104 Datasheet HTML 7Page - Texas Instruments LOG104 Datasheet HTML 8Page - Texas Instruments LOG104 Datasheet HTML 9Page - Texas Instruments LOG104 Datasheet HTML 10Page - Texas Instruments LOG104 Datasheet HTML 11Page - Texas Instruments LOG104 Datasheet HTML 12Page - Texas Instruments LOG104 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
www.ti.com
LOG104
9
SBOS243C
TOTAL ERROR
The total error is the deviation (expressed in mV) of the
actual output from the ideal output of VOUT = 0.5V • log(I1/I2).
Thus,
VOUT(ACTUAL) = VOUT(IDEAL) ± Total Error.
It represents the sum of all the individual components of error
normally associated with the log amp when operated in the
current input mode. The worst-case error for any given ratio
of I1/I2 is the largest of the two errors when I1 and I2 are
considered separately. Temperature can affect total error.
ERRORS RTO AND RTI
As with any transfer function, errors generated by the func-
tion itself may be Referred-to-Output (RTO) or Referred-to-
Input (RTI). In this respect, log amps have a unique property:
Given some error voltage at the log amp’s output, that error
corresponds to a constant percent of the input regardless of
the actual input level.
(6)
FIGURE 14. High Side Shunt for Avalanche Photodiode (APD) Measures 3-Decades of APD Current.
A
1
–5V
SO-8
5
LOG104
Q
1
2
Q
2
I
OUT
I
OUT = 0.1 • ISHUNT
6
1.2k
Ω
Receiver
Irx = 1
µA to 1mA
I to V
Converter
APD
10Gbits/sec
1k
Ω
C
C
A
2
OPA703
V
OUT = 2.5V to 0V
I
SHUNT
100
µA
500
Ω
5k
Ω
5k
Ω
+15V to +60V
+5V
25k
Ω
INA168
SOT23-5
REF3025
2.5V
+5V
1
1
8
4
3
MEASURING AVALANCHE PHOTODIODE CURRENT
The wide dynamic range of the LOG104 is useful for measuring
avalanche photodiode current (APD), as shown in Figure 13.
LOG CONFORMITY
For the LOG104, log conformity is calculated the same as
linearity and is plotted I1/I2 on a semi-log scale. In many
applications, log conformity is the most important specifica-
tion. This is true because bias current errors are negligible
(5pA compared to input currents of 100pA and above) and
the scale factor and offset errors may be trimmed to zero or
removed by system calibration. This leaves log conformity as
the major source of error.
Log conformity is defined as the peak deviation from the best
fit straight line of the VOUT versus log (I1/I2) curve. This is
expressed as a percent of ideal full-scale output. Thus, the
nonlinearity error expressed in volts over m decades is:
VOUT (NONLIN) = 0.5V/dec • 2Nm V
where N is the log conformity error, in percent.
(7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com