Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3918 Datasheet (PDF) - Texas Instruments

LP3918 Datasheet PDF - Texas Instruments
Part # LP3918
Download  LP3918 Download
File Size   458.6 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP3918 Battery Charge Management and Regulator Unit

LP3918 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP3918 Datasheet PDF - Texas Instruments

Part # LP3918
Download  LP3918 Click to download

File Size   458.6 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP3918 Battery Charge Management and Regulator Unit

LP3918 Datasheet (HTML) - Texas Instruments


LP3918 Product details

FEATURES
• Fully Integrated Li-Ion Battery Charger with
Thermal Regulation
• USB Charge Mode
• 7 Low Noise LDO’s
– 2 x 300 mA
– 3 x 150 mA
– 2 x 80 mA
• I2C Compatible Interface for Controlling LDO
Outputs and Charger Operation
• Thermal Shutdown
• Under Voltage Lockout
• 25-Bump Thin DSBGA Package 2.5 x 2.5 mm
• Options Available on Request, Please Contact
Sales Office for Further Information;
– Level Detect on HF_PWR & PWR_ON
– LDO Charging Mode
– Custom Default Settings on Charger, and
LDO O/P's.

APPLICATIONS
• CDMA Phone Handsets
• Low Power Wireless Handsets
• Handheld Information Appliances
• Personal Media Players
• Digital Cameras

KEY SPECIFICATIONS
• 50mA to 950mA Programmable Charge
Current
• 3.0V to 5.5V Input Voltage Range
• 200mV Typ. Dropout Voltage on 300 mA LDO’s
• 2% (Typ) Output Voltage Accuracy on LDO’s

DESCRIPTION
The LP3918 is a fully integrated charger and multi- regulator unit designed for CDMA cellular phones.
The LP3918 contains a Li-Ion battery charger, 7 low
noise low dropout (LDO) voltage regulators and a
high-speed serial interface to program on/off
conditions and output voltages of individual
regulators, and also to read status information from
the PMU.
The Li-Ion charger integrates a power FET, reverse
current blocking diode, sense resistor with current
monitor output, and requires only a few external
components. Charging is thermally regulated to
obtain the most efficient charging rate for a given
ambient temperature.
LDO regulators provide high PSRR and low noise
ideally suited for supplying power to both analog and digital loads.




Similar Part No. - LP3918

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3918 NSC-LP3918 Datasheet
1Mb / 30P
Battery Charge Management and Regulator Unit
logo
Texas Instruments
LP3918 TI1-LP3918 Datasheet
909Kb / 39P
Battery Charge Management and Regulator Unit
logo
National Semiconductor ...
LP3918TL NSC-LP3918TL Datasheet
1Mb / 30P
Battery Charge Management and Regulator Unit
LP3918TL-A NSC-LP3918TL-A Datasheet
1Mb / 30P
Battery Charge Management and Regulator Unit
logo
Texas Instruments
LP3918TL-A/NOPB TI1-LP3918TL-A/NOPB Datasheet
909Kb / 39P
Battery Charge Management and Regulator Unit
More results


Similar Description - LP3918

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3945 NSC-LP3945 Datasheet
337Kb / 15P
Battery Charge Management System
LP3918 NSC-LP3918 Datasheet
1Mb / 30P
Battery Charge Management and Regulator Unit
LP3921 NSC-LP3921 Datasheet
1Mb / 34P
Battery Charger Management and Regulator Unit with Integrated Boomer짰 Audio Amplifier
logo
Cymbet Corporation
CBC910 CYMBET-CBC910 Datasheet
685Kb / 14P
Charge Pump and Battery Management ASIC
DS-72-11 CYMBET-DS-72-11 Datasheet
608Kb / 14P
Charge Pump and Battery Management ASIC Bare Die
logo
Texas Instruments
BQ40Z60 TI1-BQ40Z60_16 Datasheet
1Mb / 47P
Programmable Battery Management Unit
LP3918 TI1-LP3918 Datasheet
909Kb / 39P
Battery Charge Management and Regulator Unit
LP3921 TI1-LP3921 Datasheet
1,013Kb / 41P
Battery Charger Management and Regulator Unit
logo
Shenzhen Huazhimei Semi...
HM4205 HMSEMI-HM4205 Datasheet
637Kb / 9P
Solar lithium battery charge and discharge management chip
HM5065 HMSEMI-HM5065 Datasheet
1Mb / 13P
battery charge management chip
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com