Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3918 Datasheet(PDF) 2 Page - Texas Instruments

Part # LP3918
Description  LP3918 Battery Charge Management and Regulator Unit
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3918 Datasheet(HTML) 2 Page - Texas Instruments

  LP3918 Datasheet HTML 1Page - Texas Instruments LP3918 Datasheet HTML 2Page - Texas Instruments LP3918 Datasheet HTML 3Page - Texas Instruments LP3918 Datasheet HTML 4Page - Texas Instruments LP3918 Datasheet HTML 5Page - Texas Instruments LP3918 Datasheet HTML 6Page - Texas Instruments LP3918 Datasheet HTML 7Page - Texas Instruments LP3918 Datasheet HTML 8Page - Texas Instruments LP3918 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
C
A
5
4
3
2
1
TOP VIEW
BATT
VIN2
LDO5
LDO4
GNDA
LDO3
LDO2
LDO1
VIN1
TCXO
_EN
RX_EN
SDA
SCL
VSS
TX_EN
PON
_N
RESET
_N
ACOK
_N
LDO7
LDO6
HF
PWR
PS_
HOLD
PWR
_ON
IMON
CHGIN
B
D
E
LP3918
SNVS476D – AUGUST 2007 – REVISED MAY 2013
www.ti.com
Device Pin Diagram
Figure 2. LP3918 25 pin DSBGA Package
TOP VIEW
PIN DESCRIPTION
Pin #
Name
Type(1)
Description
A1
IMON
A
Charge current monitor output. This pin presents an analog
voltage representation of the input charging current. VIMON(mV) =
(2.47 x ICHG)(mA).
A2
PS_HOLD
DI
Input for power control from external processor/controller.
A3
VSS
G
Digital Ground pin
A4
RESET_N
DO
Reset Output. Pin stays LOW during power up sequence. 60ms
after LDO1 (CORE) is stable this pin is asserted HIGH.
A5
ACOK_N
DO
AC Adapter indicator, LOW when 4.5V – 6.0V present at CHG_IN.
B1
CHG_IN
P
DC power input to charger block from wall or car power adapters.
B2
PWR_ON
DI
Power up sequence starts when this pin is set HIGH. Internal
500k
Ω pull-down resistor.
B3
SCL
DI
Serial Interface Clock input. External pull up resistor is needed, typ
1.5k
Ω
B4
PON_N
DO
Active low signal is PWR_ON inverted
B5
LDO7
A
LDO7 Output (GP)
C1
BATT
P
Main battery connection. Used as a power connection for current
delivery to the battery.
C2
HF_PWR
DI
Power up sequence starts when this pin is set HIGH. Internal
500k
Ω pull-down resistor.
C3
SDA
DI/O
Serial Interface, Data Input/Output Open Drain output, external pull
up resistor is needed, typ 1.5k
Ω.
C4
TX_EN
DI
Enable control for LDO6 (TX). HIGH = Enable, LOW = Disable.
C5
LDO6
A
LDO6 Output (TX)
D1
VIN1
P
Battery Input for LDO1 - 2
D2
TCXO_EN
DI
Enable control for LDO4 (TCXO). HIGH = Enable, LOW = Disable.
D3
GNDA
G
Analog Ground pin
D4
RX_EN
DI
Enable control for LDO5 (RX). HIGH = Enable, LOW = Disable.
D5
LDO5
A
LDO5 Output (RX)
(1)
A: Analog. D: Digital. I: Input. DI/O: Digital Input/Output. G: Ground. O: Output. P: Power.
2
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LP3918



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com