Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3918 Datasheet(PDF) 10 Page - Texas Instruments

Part # LP3918
Description  LP3918 Battery Charge Management and Regulator Unit
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3918 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP3918 Datasheet HTML 6Page - Texas Instruments LP3918 Datasheet HTML 7Page - Texas Instruments LP3918 Datasheet HTML 8Page - Texas Instruments LP3918 Datasheet HTML 9Page - Texas Instruments LP3918 Datasheet HTML 10Page - Texas Instruments LP3918 Datasheet HTML 11Page - Texas Instruments LP3918 Datasheet HTML 12Page - Texas Instruments LP3918 Datasheet HTML 13Page - Texas Instruments LP3918 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
LP3918
SNVS476D – AUGUST 2007 – REVISED MAY 2013
www.ti.com
LDO5 (RX), LDO6 (TX), LDO7 (GP) Electrical Characteristics (continued)
Unless otherwise noted, VIN ( = VIN1 = VIN2 = BATT) = 3.6V, GND = 0V, CVIN1-2=10µF, CLDOX=1µF. RX_EN, TX_EN high.
LDO7 Enabled via Serial Interface. Note VINMIN is the greater of 3.0V or VOUT5/6/7 + 0.5V. Typical values and limits appearing in
normal type apply for TJ = 25°C. Limits appearing in boldface type apply over the entire junction temperature range for
operation, Ta = TJ = −40°C to +125°C.
(1)
operation, Ta = TJ = −40°C to +125°C.
(1)
Limit
Symbol
Parameter
Condition
Typ
Units
Min
Max
VOUT5, VOUT6,
Output Voltage
IOUT5/6/7 = 1mA, VOUT5/6/7=
−2
+2
%
VOUT7
3.0V
−3
+3
Output Voltage
LDO5 default
3.0
V
LDO6 default
3.0
LDO7 default
3.0
IOUT5, IOUT6,
Output Current
VINMIN ≤ VIN ≤ 5.5V
150
mA
IOUT7
Output Current Limit
VOUT5/6/7 = 0V
300
VDO5, VDO6,
Dropout Voltage
IOUT5/6/7 = 150mA
(2)
180
240
mV
VDO7
ΔVOUT5,
Line Regulation
VINMIN ≤ VIN ≤ 5.5V
2
mV
ΔVOUT6, ΔVOUT7
IOUT5/6/7 = 1mA
Load Regulation
1mA
≤ IOUT5/6/7 ≤ 150mA
20
mV
en5, en6, en7
Output Noise Voltage
10Hz
≤ f ≤ 100kHz,
45
µVRMS
COUT = 1µF
(3)
PSRR
Power Supply Rejection
F = 10kHz, COUT = 1µF
65
dB
Ratio
IOUT5/6/7 = 20mA
(3)
tSTART-UP
Start-Up Time from Shut-
COUT = 1µF, IOUT5/6/7 =
40
60
µs
down
150mA
(3)
tTransient
Start-Up Transient
COUT = 1µF, IOUT5/6/7 =
5
30
mV
Overshoot
150mA
(3)
(1)
All electrical characteristics having room-temperature limits are tested during production with TJ = 25°C. All hot and cold limits are
specified by correlating the electrical characteristics to process and temperature variations and applying statistical process control.
(2)
Dropout voltage is the input-to-output voltage difference at which the output voltage is 100mV below its nominal value. This specification
does not apply in cases it implies operation with an input voltage below the 3.0V minimum appearing under Operating Ratings. For
example, this specification does not apply for devices having 1.5V outputs because the specification would imply operation with an input
voltage at or about 1.5V.
(3)
Specified by design. Not production tested.
10
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LP3918



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com