Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8451Q Datasheet (PDF) - NXP Semiconductors

MMA8451Q Datasheet PDF - NXP Semiconductors
Part # MMA8451Q
Download  MMA8451Q Download
File Size   947.48 Kbytes
Page   59 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description MMA8451Q, 3-axis, 14-bit/8-bit digital accelerometer

MMA8451Q Datasheet (PDF)

Go To PDF Page Download Datasheet
MMA8451Q Datasheet PDF - NXP Semiconductors

Part # MMA8451Q
Download  MMA8451Q Click to download

File Size   947.48 Kbytes
Page   59 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description MMA8451Q, 3-axis, 14-bit/8-bit digital accelerometer

MMA8451Q Datasheet (HTML) - NXP Semiconductors


MMA8451Q Product details

Features
•1.95 V to 3.6 V supply voltage
•1.6 V to 3.6 V interface voltage
•±2 g/±4 g/±8 g dynamically selectable full scale
•Output data rates (ODR) from 1.56 Hz to 800 Hz
•99 μg/√Hz noise
•14-bit and 8-bit digital output
•I2C digital output interface
•Two programmable interrupt pins for seven interrupt sources
•Three embedded channels of motion detection
— Freefall or motion detection: one channel
— Pulse detection: one channel
— Jolt detection: one channel
•Orientation (portrait/landscape) detection with programmable hysteresis
•Automatic ODR change for auto-wake and return to sleep
•32-sample FIFO
•High-pass filter data available per sample and through the FIFO
•Self-test
•Current consumption: 6 μA to 165 μA

Typical Applications
•E-compass applications
•Static orientation detection (portrait/landscape, up/down, left/right, back/front position identification)
•Notebook, e-reader, and laptop tumble and freefall detection
•Real-time orientation detection (virtual reality and gaming 3D user position feedback)
•Real-time activity analysis (pedometer step counting, freefall drop detection for HDD, dead-reckoning GPS backup)
•Motion detection for portable product power saving (auto-sleep and auto-wake for cell phone, PDA, GPS, gaming)
•Shock and vibration monitoring (mechatronic compensation, shipping and warranty usage logging)
•User interface (menu scrolling by orientation change, tap detection for button replacement)




Similar Part No. - MMA8451Q

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA8451Q FREESCALE-MMA8451Q Datasheet
654Kb / 53P
3-Axis, 14-bit/8-bit Digital Accelerometer
MMA8451Q FREESCALE-MMA8451Q Datasheet
447Kb / 52P
3-Axis, 14-bit 8-bit Digital Accelerometer
MMA8451QR1 FREESCALE-MMA8451QR1 Datasheet
654Kb / 53P
3-Axis, 14-bit/8-bit Digital Accelerometer
MMA8451QR1 FREESCALE-MMA8451QR1 Datasheet
447Kb / 52P
3-Axis, 14-bit 8-bit Digital Accelerometer
MMA8451QT FREESCALE-MMA8451QT Datasheet
654Kb / 53P
3-Axis, 14-bit/8-bit Digital Accelerometer
More results


Similar Description - MMA8451Q

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA8450Q FREESCALE-MMA8450Q Datasheet
628Kb / 57P
3-Axis, 8-bit/12-bit Digital Accelerometer
MMA8451Q FREESCALE-MMA8451Q Datasheet
654Kb / 53P
3-Axis, 14-bit/8-bit Digital Accelerometer
MMA8451Q FREESCALE-MMA8451Q_12 Datasheet
447Kb / 52P
3-Axis, 14-bit 8-bit Digital Accelerometer
MMA8652FC FREESCALE-MMA8652FC Datasheet
2Mb / 77P
Xtrinsic MMA8652FC 3-Axis, 12-bit Digital Accelerometer
MMA8653FC FREESCALE-MMA8653FC Datasheet
1Mb / 56P
Xtrinsic MMA8653FC 3-Axis, 10-bit Digital Accelerometer
MMA8452Q FREESCALE-MMA8452Q Datasheet
494Kb / 47P
3-Axis, 12-bit/8-bit Digital Accelerometer
MMA8450Q FREESCALE-MMA8450Q_12 Datasheet
399Kb / 57P
3-Axis, 8-bit/12-bit Digital Accelerometer
MMA8453QR1 FREESCALE-MMA8453QR1 Datasheet
1Mb / 47P
Xtrinsic MMA8453Q 3-Axis, 10-bit/8-bit Digital Accelerometer
logo
NXP Semiconductors
MMA8450Q NXP-MMA8450Q Datasheet
670Kb / 57P
3-Axis, 8-bit/12-bit Digital Accelerometer
Rev. 9.1, 04/2012
MMA8652FC NXP-MMA8652FC Datasheet
787Kb / 65P
MMA8652FC, 3-Axis, 12-bit, Digital Accelerometer
Rev. 3.3, 10/2015
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com