Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8451Q Datasheet (PDF) - Freescale Semiconductor, Inc

MMA8451Q Datasheet PDF - Freescale Semiconductor, Inc
Part # MMA8451Q
Download  MMA8451Q Download
File Size   447.62 Kbytes
Page   52 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 3-Axis, 14-bit 8-bit Digital Accelerometer

MMA8451Q Datasheet (PDF)

Go To PDF Page Download Datasheet
MMA8451Q Datasheet PDF - Freescale Semiconductor, Inc

Part # MMA8451Q
Download  MMA8451Q Click to download

File Size   447.62 Kbytes
Page   52 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 3-Axis, 14-bit 8-bit Digital Accelerometer

MMA8451Q Datasheet (HTML) - Freescale Semiconductor, Inc


MMA8451Q Product details

The MMA8451Q is a smart low-power, three-axis, capacitive micromachined accelerometer with 14 bits of resolution. This accelerometer is packed with embedded functions with flexible user programmable options, configurable to two interrupt pins. Embedded interrupt functions allow for overall power savings relieving the host processor from continuously polling data. There is access to both low-pass filtered data as well as high-pass filtered data, which minimizes the data analysis required for jolt detection and faster transitions. The device can be configured to generate inertial wakeup interrupt signals from any combination of the configurable embedded functions allowing the MMA8451Q to monitor events and remain in a low power mode during periods of inactivity. The MMA8451Q is available in a 3 mm by 3 mm by 1 mm QFN package.

Features
• 1.95V to 3.6V supply voltage
• 1.6V to 3.6V interface voltage
• ±2g/±4g/±8g dynamically selectable full-scale
• Output Data Rates (ODR) from 1.56 Hz to 800 Hz
• 99 μg/√Hz noise
• 14-bit and 8-bit digital output
• I2C digital output interface (operates to 2.25 MHz with 4.7 kΩ pullup)
• Two programmable interrupt pins for seven interrupt sources
• Three embedded channels of motion detection
• Freefall or Motion Detection: 1 channel
• Pulse Detection: 1 channel
• Jolt Detection: 1 channel
• Orientation (Portrait/Landscape) detection with programmable hysteresis
• Automatic ODR change for Auto-WAKE and return to SLEEP
• 32-sample FIFO
• High-Pass Filter Data available per sample and through the FIFO
• Self-Test
• RoHS compliant
• Current Consumption: 6 μA – 165 μA

Typical Applications
• eCompass applications
• Static orientation detection (Portrait/Landscape, Up/Down, Left/Right, Back/
   Front position identification)
• Notebook, eReader and Laptop Tumble and Freefall Detection
• Real-time orientation detection (virtual reality
   and gaming 3D user position feedback)
• Real-time activity analysis (pedometer step counting, freefall drop detection
   for HDD, dead-reckoning GPS backup)
• Motion detection for portable product power saving
   (Auto-SLEEP and Auto-WAKE for cell phone, PDA, GPS, gaming)
• Shock and vibration monitoring
   (mechatronic compensation, shipping and warranty usage logging)
• User interface
   (menu scrolling by orientation change, tap detection for button replacement)




Similar Part No. - MMA8451Q

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA8451Q FREESCALE-MMA8451Q Datasheet
654Kb / 53P
3-Axis, 14-bit/8-bit Digital Accelerometer
logo
NXP Semiconductors
MMA8451Q NXP-MMA8451Q Datasheet
947Kb / 59P
MMA8451Q, 3-axis, 14-bit/8-bit digital accelerometer
Rev. 10.3, 02/2017
logo
Freescale Semiconductor...
MMA8451QR1 FREESCALE-MMA8451QR1 Datasheet
654Kb / 53P
3-Axis, 14-bit/8-bit Digital Accelerometer
logo
NXP Semiconductors
MMA8451QR1 NXP-MMA8451QR1 Datasheet
947Kb / 59P
MMA8451Q, 3-axis, 14-bit/8-bit digital accelerometer
Rev. 10.3, 02/2017
logo
Freescale Semiconductor...
MMA8451QT FREESCALE-MMA8451QT Datasheet
654Kb / 53P
3-Axis, 14-bit/8-bit Digital Accelerometer
More results


Similar Description - MMA8451Q

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA8450Q FREESCALE-MMA8450Q Datasheet
628Kb / 57P
3-Axis, 8-bit/12-bit Digital Accelerometer
MMA8451Q FREESCALE-MMA8451Q Datasheet
654Kb / 53P
3-Axis, 14-bit/8-bit Digital Accelerometer
MMA8652FC FREESCALE-MMA8652FC Datasheet
2Mb / 77P
Xtrinsic MMA8652FC 3-Axis, 12-bit Digital Accelerometer
MMA8653FC FREESCALE-MMA8653FC Datasheet
1Mb / 56P
Xtrinsic MMA8653FC 3-Axis, 10-bit Digital Accelerometer
MMA8452Q FREESCALE-MMA8452Q Datasheet
494Kb / 47P
3-Axis, 12-bit/8-bit Digital Accelerometer
MMA8450Q FREESCALE-MMA8450Q_12 Datasheet
399Kb / 57P
3-Axis, 8-bit/12-bit Digital Accelerometer
MMA8453QR1 FREESCALE-MMA8453QR1 Datasheet
1Mb / 47P
Xtrinsic MMA8453Q 3-Axis, 10-bit/8-bit Digital Accelerometer
logo
NXP Semiconductors
MMA8450Q NXP-MMA8450Q Datasheet
670Kb / 57P
3-Axis, 8-bit/12-bit Digital Accelerometer
Rev. 9.1, 04/2012
MMA8491Q NXP-MMA8491Q Datasheet
659Kb / 28P
3-Axis Multifunction Digital Accelerometer
Rev. 2.1-26 April 2016
MMA8652FC NXP-MMA8652FC Datasheet
787Kb / 65P
MMA8652FC, 3-Axis, 12-bit, Digital Accelerometer
Rev. 3.3, 10/2015
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com