Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT257 Datasheet (PDF) - STMicroelectronics

74ACT257 Datasheet PDF - STMicroelectronics
Part # 74ACT257
Download  74ACT257 Download
File Size   87.8 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description QUAD 2 CHANNEL MULTIPLEXER 3-STATE

74ACT257 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ACT257 Datasheet PDF - STMicroelectronics

Part # 74ACT257
Download  74ACT257 Click to download

File Size   87.8 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description QUAD 2 CHANNEL MULTIPLEXER 3-STATE

74ACT257 Datasheet (HTML) - STMicroelectronics


74ACT257 Product details

DESCRIPTION
The 74ACT257 is an advanced high-speed CMOS QUAD 2-CHANNEL MULTIPLEXER (3-STATE) fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS tecnology. It is composed of an independent 2-channel multiplexer with common SELECT and ENABLE (OE)inputs. It is a non-inverting multiplexer. When the ENABLE input is held HIGH, the outputs are forced to a high impedance state. When the SELECT input is held LOW, "A" data is selected; when SELECT input is held HIGH, "B" data is selected.

■ HIGH SPEED: tPD = 5 ns (TYP.) at VCC = 5V
■ LOW POWER DISSIPATION: ICC = 4 µA(MAX.) at TA=25°C
■ COMPATIBLE WITH TTL OUTPUTS VIH = 2V (MIN.), VIL = 0.8V (MAX.)
■ 50Ω TRANSMISSION LINE DRIVING CAPABILITY
■ SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 24mA (MIN)
■ BALANCED PROPAGATION DELAYS: tPLH ≅ tPHL
■ OPERATING VOLTAGE RANGE: VCC (OPR) = 4.5V to 5.5V
■ PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 257
■ IMPROVED LATCH-UP IMMUNITY




Similar Part No. - 74ACT257

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74ACT257 ONSEMI-74ACT257 Datasheet
182Kb / 12P
Quad 2?묲nput Multiplexer with 3?뭆tate Outputs
March, 2006 ??Rev. 7
logo
STMicroelectronics
74ACT257 STMICROELECTRONICS-74ACT257 Datasheet
286Kb / 11P
QUAD 2 CHANNEL MULTIPLEXER (3-STATE)
Apr-2001
74ACT257B STMICROELECTRONICS-74ACT257B Datasheet
286Kb / 11P
QUAD 2 CHANNEL MULTIPLEXER (3-STATE)
Apr-2001
74ACT257M STMICROELECTRONICS-74ACT257M Datasheet
286Kb / 11P
QUAD 2 CHANNEL MULTIPLEXER (3-STATE)
Apr-2001
logo
Fairchild Semiconductor
74ACT257MTC FAIRCHILD-74ACT257MTC Datasheet
97Kb / 9P
Quad 2-Input Multiplexer with 3-STATE Outputs
More results


Similar Description - 74ACT257

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74AC257 STMICROELECTRONICS-74AC257 Datasheet
287Kb / 11P
QUAD 2 CHANNEL MULTIPLEXER 3-STATE
Apr-2001
74VHC257 STMICROELECTRONICS-74VHC257 Datasheet
315Kb / 14P
QUAD 2 CHANNEL MULTIPLEXER 3-STATE
12-Nov-2004
74VHCT257A STMICROELECTRONICS-74VHCT257A Datasheet
70Kb / 10P
QUAD 2 CHANNEL MULTIPLEXER 3-STATE
Mar-2000
M54HCT257 STMICROELECTRONICS-M54HCT257 Datasheet
255Kb / 12P
HCT257 QUAD 2 CHANNEL MULTIPLEXER 3-STATE HCT258 QUAD 2 CHANNEL MULTIPLEXER 3-STATE, INVERTING
Feb-1993
logo
Toshiba Semiconductor
TC74VHC257F TOSHIBA-TC74VHC257F Datasheet
235Kb / 7P
QUAD 2-CHANNEL MULTIPLEXER (3-STATE)
TC74HC257AP TOSHIBA-TC74HC257AP_07 Datasheet
264Kb / 8P
Quad 2-Channel Multiplexer (3-state)
TC7MH257FK TOSHIBA-TC7MH257FK Datasheet
189Kb / 7P
Quad 2-Channel Multiplexer (3-State)
logo
STMicroelectronics
74ACT257 STMICROELECTRONICS-74ACT257_01 Datasheet
286Kb / 11P
QUAD 2 CHANNEL MULTIPLEXER (3-STATE)
Apr-2001
74VHCT257A STMICROELECTRONICS-74VHCT257A_04 Datasheet
311Kb / 13P
QUAD 2 CHANNEL MULTIPLEXER (3-STATE)
16-Dec-2004
logo
Toshiba Semiconductor
TC74VHC257F TOSHIBA-TC74VHC257F_12 Datasheet
224Kb / 9P
Quad 2-Channel Multiplexer (3-state)
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com