Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT257 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74ACT257
Description  QUAD 2 CHANNEL MULTIPLEXER 3-STATE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74ACT257 Datasheet(HTML) 1 Page - STMicroelectronics

  74ACT257 Datasheet HTML 1Page - STMicroelectronics 74ACT257 Datasheet HTML 2Page - STMicroelectronics 74ACT257 Datasheet HTML 3Page - STMicroelectronics 74ACT257 Datasheet HTML 4Page - STMicroelectronics 74ACT257 Datasheet HTML 5Page - STMicroelectronics 74ACT257 Datasheet HTML 6Page - STMicroelectronics 74ACT257 Datasheet HTML 7Page - STMicroelectronics 74ACT257 Datasheet HTML 8Page - STMicroelectronics 74ACT257 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
74ACT257
QUAD 2 CHANNEL MULTIPLEXER (3-STATE)
April 1997
s
HIGH SPEED: tPD =5 ns (TYP.) at VCC =5V
s
LOW POWER DISSIPATION:
ICC =8
µA (MAX.) at TA =25 oC
s
COMPATIBLE WITH TTL OUTPUTS
VIH =2V (MIN), VIL = 0.8V (MAX)
s
50
Ω TRANSMISSION LINE DRIVING
CAPABILITY
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|=IOL =24 mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH
≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC (OPR) = 4.5V to 5.5V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 257
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The ACT257 is an advanced high-speed CMOS
QUAD 2 CHANNEL MULTIPLEXER (3-STATE)
fabricated with sub-micron silicon gate and
double-layer metal wiring C
2MOS technology.
It is ideal for low power applications mantaining
high speed operation similar to equivalent Bipolar
Schottky TTL.
These IC’s are composed of an independent 2
channel multiplexer with common SELECT and
ENABLE INPUT.
The AC257 is a non inverting multiplexer.
When the ENABLE INPUT is held ”High” outputs
of both IC’s become high impedance state. If
SELECT INPUT is held ”Low”, ”A” data is
selected, when SELECT INPUT is ”High”, ”B”
data is closen.
The device is designed to interface directly High
Speed CMOS systems with TTL, NMOS and
CMOS output voltage levels.
All
inputs and
outputs
are
equipped with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES :
74ACT257B
74ACT257M
M
(Micro Package)
B
(Plastic Package)
1/10


Similar Part No. - 74ACT257

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74ACT257 ONSEMI-74ACT257 Datasheet
182Kb / 12P
Quad 2?묲nput Multiplexer with 3?뭆tate Outputs
March, 2006 ??Rev. 7
logo
STMicroelectronics
74ACT257 STMICROELECTRONICS-74ACT257 Datasheet
286Kb / 11P
QUAD 2 CHANNEL MULTIPLEXER (3-STATE)
Apr-2001
74ACT257B STMICROELECTRONICS-74ACT257B Datasheet
286Kb / 11P
QUAD 2 CHANNEL MULTIPLEXER (3-STATE)
Apr-2001
74ACT257M STMICROELECTRONICS-74ACT257M Datasheet
286Kb / 11P
QUAD 2 CHANNEL MULTIPLEXER (3-STATE)
Apr-2001
logo
Fairchild Semiconductor
74ACT257MTC FAIRCHILD-74ACT257MTC Datasheet
97Kb / 9P
Quad 2-Input Multiplexer with 3-STATE Outputs
More results

Similar Description - 74ACT257

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74AC257 STMICROELECTRONICS-74AC257 Datasheet
287Kb / 11P
QUAD 2 CHANNEL MULTIPLEXER 3-STATE
Apr-2001
74VHC257 STMICROELECTRONICS-74VHC257 Datasheet
315Kb / 14P
QUAD 2 CHANNEL MULTIPLEXER 3-STATE
12-Nov-2004
74VHCT257A STMICROELECTRONICS-74VHCT257A Datasheet
70Kb / 10P
QUAD 2 CHANNEL MULTIPLEXER 3-STATE
Mar-2000
M54HCT257 STMICROELECTRONICS-M54HCT257 Datasheet
255Kb / 12P
HCT257 QUAD 2 CHANNEL MULTIPLEXER 3-STATE HCT258 QUAD 2 CHANNEL MULTIPLEXER 3-STATE, INVERTING
Feb-1993
logo
Toshiba Semiconductor
TC74VHC257F TOSHIBA-TC74VHC257F Datasheet
235Kb / 7P
QUAD 2-CHANNEL MULTIPLEXER (3-STATE)
TC74HC257AP TOSHIBA-TC74HC257AP_07 Datasheet
264Kb / 8P
Quad 2-Channel Multiplexer (3-state)
TC7MH257FK TOSHIBA-TC7MH257FK Datasheet
189Kb / 7P
Quad 2-Channel Multiplexer (3-State)
logo
STMicroelectronics
74ACT257 STMICROELECTRONICS-74ACT257_01 Datasheet
286Kb / 11P
QUAD 2 CHANNEL MULTIPLEXER (3-STATE)
Apr-2001
74VHCT257A STMICROELECTRONICS-74VHCT257A_04 Datasheet
311Kb / 13P
QUAD 2 CHANNEL MULTIPLEXER (3-STATE)
16-Dec-2004
logo
Toshiba Semiconductor
TC74VHC257F TOSHIBA-TC74VHC257F_12 Datasheet
224Kb / 9P
Quad 2-Channel Multiplexer (3-state)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com