Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT280 Datasheet (PDF) - STMicroelectronics

74ACT280 Datasheet PDF - STMicroelectronics
Part # 74ACT280
Download  74ACT280 Download
File Size   63.0 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 9 BIT PARITY GENERATOR/CHECKER

74ACT280 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ACT280 Datasheet PDF - STMicroelectronics

Part # 74ACT280
Download  74ACT280 Click to download

File Size   63.0 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 9 BIT PARITY GENERATOR/CHECKER

74ACT280 Datasheet (HTML) - STMicroelectronics


74ACT280 Product details

DESCRIPTION
The 74ACT280 is an advanced high-speed CMOS 9 BIT PARITY GENERATOR CHECKER fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology.
   
■ HIGH SPEED: tPD = 7ns (TYP.) at VCC = 5V
■ LOW POWER DISSIPATION:
    ICC = 4µA(MAX.) at TA=25°C
■ COMPATIBLE WITH TTL OUTPUTS
    VIH = 2V (MIN.), VIL = 0.8V (MAX.)
■ 50Ω TRANSMISSION LINE DRIVING
    CAPABILITY
■ SYMMETRICAL OUTPUT IMPEDANCE:
    |IOH| = IOL = 24mA (MIN)
■ BALANCED PROPAGATION DELAYS:
    tPLH ≅ tPHL
■ OPERATING VOLTAGE RANGE:
    VCC (OPR) = 4.5V to 5.5V
■ PIN AND FUNCTION COMPATIBLE WITH
    74 SERIES 280
■ IMPROVED LATCH-UP IMMUNITY
   




Similar Part No. - 74ACT280

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT20 STMICROELECTRONICS-74ACT20 Datasheet
67Kb / 7P
DUAL 4-INPUT NAND GATE
Apr-2001
74ACT20 STMICROELECTRONICS-74ACT20 Datasheet
175Kb / 8P
DUAL 4-INPUT NAND GATE
Apr-2001
logo
ON Semiconductor
74ACT20 ONSEMI-74ACT20 Datasheet
122Kb / 8P
Dual 4?묲nput NAND Gate
October, 2006 ??Rev. 8
logo
STMicroelectronics
74ACT20B STMICROELECTRONICS-74ACT20B Datasheet
67Kb / 7P
DUAL 4-INPUT NAND GATE
Apr-2001
74ACT20B STMICROELECTRONICS-74ACT20B Datasheet
175Kb / 8P
DUAL 4-INPUT NAND GATE
Apr-2001
More results


Similar Description - 74ACT280

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC280 NSC-54AC280 Datasheet
183Kb / 6P
9-Bit Parity Generator/Checker
54F280DM NSC-54F280DM Datasheet
152Kb / 8P
9-Bit Parity Generator/Checker
logo
Fairchild Semiconductor
74AC280 FAIRCHILD-74AC280 Datasheet
65Kb / 6P
9-Bit Parity Generator/Checker
DM74S280 FAIRCHILD-DM74S280 Datasheet
62Kb / 5P
9-Bit Parity Generator/Checker
logo
Hitachi Semiconductor
HD74AC280 HITACHI-HD74AC280 Datasheet
52Kb / 9P
9-bit Parity Generator/Checker
logo
Toshiba Semiconductor
TC74AC280P TOSHIBA-TC74AC280P Datasheet
265Kb / 7P
9 - BIT PARITY GENERATOR CHECKER
logo
Motorola, Inc
MC54F280 MOTOROLA-MC54F280 Datasheet
39Kb / 3P
9-BIT PARITY GENERATOR/CHECKER
logo
Toshiba Semiconductor
TC74HC280AP TOSHIBA-TC74HC280AP_07 Datasheet
335Kb / 9P
9-Bit Parity Generator/Checker
logo
Renesas Technology Corp
HD74AC280 RENESAS-HD74AC280 Datasheet
214Kb / 8P
9-bit Parity Generator/Checker
logo
Texas Instruments
74AC11280 TI1-74AC11280 Datasheet
99Kb / 5P
9-BIT PARITY GENERATOR/CHECKER
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com