Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT280 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74ACT280
Description  9 BIT PARITY GENERATOR/CHECKER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74ACT280 Datasheet(HTML) 1 Page - STMicroelectronics

  74ACT280 Datasheet HTML 1Page - STMicroelectronics 74ACT280 Datasheet HTML 2Page - STMicroelectronics 74ACT280 Datasheet HTML 3Page - STMicroelectronics 74ACT280 Datasheet HTML 4Page - STMicroelectronics 74ACT280 Datasheet HTML 5Page - STMicroelectronics 74ACT280 Datasheet HTML 6Page - STMicroelectronics 74ACT280 Datasheet HTML 7Page - STMicroelectronics 74ACT280 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
74ACT280
9 BIT PARITY GENERATOR/CHECKER
®
December 1998
s
HIGH SPEED: tPD = 4 ns (TYP.) at VCC =5V
s
LOW POWER DISSIPATION:
ICC =4
µA (MAX.) at TA =25 oC
s
COMPATIBLE WITH TTL OUTPUTS
VIH =2V (MIN), VIL = 0.8V (MAX)
s
50
Ω TRANSMISSION LINE DRIVING
CAPABILITY
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|=IOL = 24 mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH
≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC (OPR) = 4.5V to 5.5V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 280
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The AC280 is an advanced high-speed CMOS 9
BIT
PARITY
GENERATOR
-
CHECKER
fabricated with sub-micron silicon gate and
double-layer metal wiring C
2MOS technology. It is
ideal for low power applications mantaining high
speed operation similar to eqivalent Bipolar
Schottky TTL.
It is composed of nine data inputs (A to I) and
odd/even parity outputs (
ΣODD and ΣEVEN). The
nine data inputs control the output conditions.
When the number of high level input is odd,
ΣODD output is kept high and ΣEVEN output low.
Conservely, when the output is even,
ΣEVEN
output is kept high and
ΣODD low.
The IC generates either odd or even parity
making it flexible application.
The word-length capability is easily expanded by
cascading.
The device is designed to interface directly High
Speed CMOS systems with TTL, NMOS and
CMOS output voltage levels.
All inputs
and
outputs are
equipped with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES :
74ACT280B
74ACT280M
M
(Micro Package)
B
(Plastic Package)
1/8


Similar Part No. - 74ACT280

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT20 STMICROELECTRONICS-74ACT20 Datasheet
67Kb / 7P
DUAL 4-INPUT NAND GATE
Apr-2001
74ACT20 STMICROELECTRONICS-74ACT20 Datasheet
175Kb / 8P
DUAL 4-INPUT NAND GATE
Apr-2001
logo
ON Semiconductor
74ACT20 ONSEMI-74ACT20 Datasheet
122Kb / 8P
Dual 4?묲nput NAND Gate
October, 2006 ??Rev. 8
logo
STMicroelectronics
74ACT20B STMICROELECTRONICS-74ACT20B Datasheet
67Kb / 7P
DUAL 4-INPUT NAND GATE
Apr-2001
74ACT20B STMICROELECTRONICS-74ACT20B Datasheet
175Kb / 8P
DUAL 4-INPUT NAND GATE
Apr-2001
More results

Similar Description - 74ACT280

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC280 NSC-54AC280 Datasheet
183Kb / 6P
9-Bit Parity Generator/Checker
54F280DM NSC-54F280DM Datasheet
152Kb / 8P
9-Bit Parity Generator/Checker
logo
Fairchild Semiconductor
74AC280 FAIRCHILD-74AC280 Datasheet
65Kb / 6P
9-Bit Parity Generator/Checker
DM74S280 FAIRCHILD-DM74S280 Datasheet
62Kb / 5P
9-Bit Parity Generator/Checker
logo
Hitachi Semiconductor
HD74AC280 HITACHI-HD74AC280 Datasheet
52Kb / 9P
9-bit Parity Generator/Checker
logo
Toshiba Semiconductor
TC74AC280P TOSHIBA-TC74AC280P Datasheet
265Kb / 7P
9 - BIT PARITY GENERATOR CHECKER
logo
Motorola, Inc
MC54F280 MOTOROLA-MC54F280 Datasheet
39Kb / 3P
9-BIT PARITY GENERATOR/CHECKER
logo
Toshiba Semiconductor
TC74HC280AP TOSHIBA-TC74HC280AP_07 Datasheet
335Kb / 9P
9-Bit Parity Generator/Checker
logo
Renesas Technology Corp
HD74AC280 RENESAS-HD74AC280 Datasheet
214Kb / 8P
9-bit Parity Generator/Checker
logo
Texas Instruments
74AC11280 TI1-74AC11280 Datasheet
99Kb / 5P
9-BIT PARITY GENERATOR/CHECKER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com