Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT280 Datasheet(PDF) 2 Page - STMicroelectronics

Part # 74ACT280
Description  9 BIT PARITY GENERATOR/CHECKER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74ACT280 Datasheet(HTML) 2 Page - STMicroelectronics

  74ACT280 Datasheet HTML 1Page - STMicroelectronics 74ACT280 Datasheet HTML 2Page - STMicroelectronics 74ACT280 Datasheet HTML 3Page - STMicroelectronics 74ACT280 Datasheet HTML 4Page - STMicroelectronics 74ACT280 Datasheet HTML 5Page - STMicroelectronics 74ACT280 Datasheet HTML 6Page - STMicroelectronics 74ACT280 Datasheet HTML 7Page - STMicroelectronics 74ACT280 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
INPUT AND OUTPUT EQUIVALENT CIRCUIT
TRUTH TABLE
NUMBER OF INPUT A TRHU I T HAT ARE HIGH
OUTPUT
ΣEVEN
ΣODD
0, 2, 4, 6, 8
H
L
1, 3, 5, 7, 9
L
H
PIN DESCRIPTION
PI N No
SYMBOL
NAME AND FUNCT ION
5, 6
ΣEVEN
ΣODD
Parity Outputs
8, 9, 10, 11,
12, 13, 1, 2,
4
A to I
Data Inputs
3
NC
No Connection
7
GND
Ground (0V)
14
VCC
Positive Supply Voltage
LOGIC DIAGRAM
74ACT280
2/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com