Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW4265 Datasheet (PDF) - TT Electronics.

SW4265 Datasheet PDF - TT Electronics.
Part # SW4265
Download  SW4265 Download
File Size   242.12 Kbytes
Page   2 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description INSTALLATION POWER SUPPLY 24VDC 65WATT

SW4265 Datasheet (PDF)

Go To PDF Page Download Datasheet
SW4265 Datasheet PDF - TT Electronics.

Part # SW4265
Download  SW4265 Click to download

File Size   242.12 Kbytes
Page   2 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description INSTALLATION POWER SUPPLY 24VDC 65WATT

SW4265 Datasheet (HTML) - TT Electronics.


SW4265 Product details

Features:
• High frequency design
• Over Current, and Voltage Protection
• Short Circuit Protection
• FCC, LPS, CE & RoHS Compliant
• CEC Energy Efficiency Level V
• Less power consumption
• Bare Ends
Description:
A CCTV power supply with bare ends that has a lugged case for fixing to a flat surface. It features a 1.5m output lead with 2.1mm DC plug and a 1/5m bare ends input lead. Suitable for usage at Telecommunications,, Computer, Industrial Controller & OA System




Similar Part No. - SW4265

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
SW4264B TTELEC-SW4264B Datasheet
357Kb / 2P
INSTALLATION POWER SUPPLY 12VDC 60WATT
01/06/2020
More results


Similar Description - SW4265

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TMPC-300-1U TRUMPOWER-TMPC-300-1U Datasheet
27Kb / 1P
300W PC Power Supply for 1U Installation
TMPC-350-1U TRUMPOWER-TMPC-350-1U Datasheet
27Kb / 1P
350W PC Power Supply for 1U Installation
logo
Level One
POW-2410 LVL1-POW-2410 Datasheet
213Kb / 1P
30W 24VDC Industrial Power Supply, DIN-rail -20 to 60C
POW-2420 LVL1-POW-2420 Datasheet
214Kb / 1P
60W 24VDC Industrial Power Supply, DIN-rail -20 to 60C
POW-2430 LVL1-POW-2430 Datasheet
214Kb / 1P
75W 24VDC Industrial Power Supply, DIN-rail -10 to 60C
POW-2440 LVL1-POW-2440 Datasheet
311Kb / 1P
120W 24VDC Industrial Power Supply, DIN-rail -10 to 60C
logo
Contec Co., Ltd
CPS-PWD-30AW24-01 CONTEC-CPS-PWD-30AW24-01 Datasheet
355Kb / 2P
24VDC AC-DC Power Supply Unit
CPS-PWD-90AW24-01 CONTEC-CPS-PWD-90AW24-01 Datasheet
372Kb / 2P
24VDC AC-DC Power Supply Unit
logo
Schneider Electric
LULC08 SCHNEIDER-LULC08 Datasheet
99Kb / 3P
CANopen communication module, TeSys Ultra, 24VDC supply
May 11, 2022
logo
NHP Electrical Engineer...
2080-PS120-240VAC NHP-2080-PS120-240VAC Datasheet
584Kb / 1P
M800 POWER SUPPLY 110-240VAC TO 24VDC 1.6A
6 June 2023,
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com