Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW4265 Datasheet(PDF) 1 Page - TT Electronics.

Part # SW4265
Description  INSTALLATION POWER SUPPLY 24VDC 65WATT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SW4265 Datasheet(HTML) 1 Page - TT Electronics.

  SW4265 Datasheet HTML 1Page - TT Electronics. SW4265 Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INSTALLATION POWER SUPPLY
24VDC 65WATT
POWERPAX: SW4265
© TT Electronics plc
ISS.3 01/06/2020 Page: 1
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics IoT Solutions Ltd
Tofts Farm East, Brenda Road, Hartlepool, TS25 2BQ, UK
t: +44 (0) 1429 852 500
Features:
•
High frequency design
•
Over Current, and Voltage Protection
•
Short Circuit Protection
•
FCC, LPS, CE & RoHS Compliant
•
CEC Energy Efficiency Level V
•
Less power consumption
•
Bare Ends
Description:
A CCTV power supply with bare ends that has a lugged case for fixing to a flat surface. It features a 1.5m output lead with
2.1mm DC plug and a 1/5m bare ends input lead. Suitable for usage at Telecommunications,, Computer, Industrial Controller
& OA System
Specification
Part Number
SW4265
Voltage
24Vdc
Input Current
2.71A
Power (Watts)
65W
Ripple & Noise
240mV
Protections
Over Voltage, Over Current, Short Circuit
Case Size (mm)
138 x 56 x 37
Weight
370g
DC Cord
UL2468,18AWG 1.5m
DC Output Type
12 x 5.5 x 2.1mm centre straight
Output Current
2.71A
Full Input Voltage Range
100~240VAC
Full Frequency Range
50~60Hz
Efficiency
87%
Input Current RMS Max
80A
Inrush Current
240VAC (Cold start at 25°C load)
Leakage Current
Less than 0.25mA
AC Mains Leads
Hi-Pot
Operating Temperature
0 to 40°C
Storage Temperature
-20 to 80°C
Operating Humidity
20 to 80% RH
Storage Humidity
10 to 90% RH
Safety Approvals
CB
EMI Standards
CE Class B
MTBF
30,000 Hours (Calculated Hours at 25°C, by Telcordia SR-332


Similar Part No. - SW4265

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
SW4264B TTELEC-SW4264B Datasheet
357Kb / 2P
INSTALLATION POWER SUPPLY 12VDC 60WATT
01/06/2020
More results

Similar Description - SW4265

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TMPC-300-1U TRUMPOWER-TMPC-300-1U Datasheet
27Kb / 1P
300W PC Power Supply for 1U Installation
TMPC-350-1U TRUMPOWER-TMPC-350-1U Datasheet
27Kb / 1P
350W PC Power Supply for 1U Installation
logo
Level One
POW-2410 LVL1-POW-2410 Datasheet
213Kb / 1P
30W 24VDC Industrial Power Supply, DIN-rail -20 to 60C
POW-2420 LVL1-POW-2420 Datasheet
214Kb / 1P
60W 24VDC Industrial Power Supply, DIN-rail -20 to 60C
POW-2430 LVL1-POW-2430 Datasheet
214Kb / 1P
75W 24VDC Industrial Power Supply, DIN-rail -10 to 60C
POW-2440 LVL1-POW-2440 Datasheet
311Kb / 1P
120W 24VDC Industrial Power Supply, DIN-rail -10 to 60C
logo
Contec Co., Ltd
CPS-PWD-30AW24-01 CONTEC-CPS-PWD-30AW24-01 Datasheet
355Kb / 2P
24VDC AC-DC Power Supply Unit
CPS-PWD-90AW24-01 CONTEC-CPS-PWD-90AW24-01 Datasheet
372Kb / 2P
24VDC AC-DC Power Supply Unit
logo
Schneider Electric
LULC08 SCHNEIDER-LULC08 Datasheet
99Kb / 3P
CANopen communication module, TeSys Ultra, 24VDC supply
May 11, 2022
logo
NHP Electrical Engineer...
2080-PS120-240VAC NHP-2080-PS120-240VAC Datasheet
584Kb / 1P
M800 POWER SUPPLY 110-240VAC TO 24VDC 1.6A
6 June 2023,
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com