Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW4264B Datasheet (PDF) - TT Electronics.

SW4264B Datasheet PDF - TT Electronics.
Part # SW4264B
Download  SW4264B Download
File Size   357.25 Kbytes
Page   2 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description INSTALLATION POWER SUPPLY 12VDC 60WATT

SW4264B Datasheet (PDF)

Go To PDF Page Download Datasheet
SW4264B Datasheet PDF - TT Electronics.

Part # SW4264B
Download  SW4264B Click to download

File Size   357.25 Kbytes
Page   2 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description INSTALLATION POWER SUPPLY 12VDC 60WATT

SW4264B Datasheet (HTML) - TT Electronics.


SW4264B Product details

Features:
• Level VI
• Universal / Full range AC input
• Fixed AC mains lead (Bare Ends)
• Class II power (no earth)
• Small & Compact design
Description:
The Range of 60 watt AC/DC Installation Power supplies are offered in a low profile compact enclosure with 4 mounting tabs, a fixed AC Input Cable and DC Output Cable, Single output voltage between 5vdc – 24vdc. These highly reliable power supplies can be used in many indoor applications such as CCTV, Access control and Building Management Systems.




Similar Part No. - SW4264B

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
SW4265 TTELEC-SW4265 Datasheet
242Kb / 2P
INSTALLATION POWER SUPPLY 24VDC 65WATT
01/06/2020
More results


Similar Description - SW4264B

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BWL-3A4A01H BRIGHT-BWL-3A4A01H Datasheet
229Kb / 5P
12VDC 4W AlInGaN White Low power consumption.
BWL-3A4A01H-H1 BRIGHT-BWL-3A4A01H-H1 Datasheet
244Kb / 5P
12VDC 4W AlInGaN White Low power consumption.
logo
Tumbler Technologies + ...
TMPC-300-1U TRUMPOWER-TMPC-300-1U Datasheet
27Kb / 1P
300W PC Power Supply for 1U Installation
TMPC-350-1U TRUMPOWER-TMPC-350-1U Datasheet
27Kb / 1P
350W PC Power Supply for 1U Installation
logo
rfsolutions.ltd
PSU-12V1AIN-IP-1 RFSOLUTIONS-PSU-12V1AIN-IP-1 Datasheet
234Kb / 3P
Waterproof 12Vdc Power Supply IP67
logo
OptoSupply Internationa...
OSBBXX OPTOSUPPLY-OSBBXX Datasheet
104Kb / 3P
Voltages available 12VDC
logo
Diodes Incorporated
AL8807EV4 DIODES-AL8807EV4 Datasheet
262Kb / 8P
12VDC and 12VAC input
MAY 2012
logo
rfsolutions.ltd
PSU-12V1AIN-IP RFSOLUTIONS-PSU-12V1AIN-IP Datasheet
1Mb / 3P
Waterproof 12Vdc Power Supply IP67
logo
Contec Co., Ltd
CPS-PWD-15AW12-01 CONTEC-CPS-PWD-15AW12-01 Datasheet
388Kb / 2P
12VDC AC-DC Power Supply Unit
logo
CINCON ELECTRONICS Corp...
LDP60 CINCON-LDP60 Datasheet
294Kb / 3P
60WATT OUTPUT LED POWER SUPPLY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com