Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW4264B Datasheet(PDF) 1 Page - TT Electronics.

Part # SW4264B
Description  INSTALLATION POWER SUPPLY 12VDC 60WATT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SW4264B Datasheet(HTML) 1 Page - TT Electronics.

  SW4264B Datasheet HTML 1Page - TT Electronics. SW4264B Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INSTALLATION POWER SUPPLY
12VDC 60WATT
POWERPAX: SW4264B
© TT Electronics plc
ISS.3 01/06/2020 Page: 1
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics IoT Solutions Ltd
Tofts Farm East, Brenda Road, Hartlepool, TS25 2BQ, UK
t: +44 (0) 1429 852 500
Features:
•
Level VI
•
Universal / Full range AC input
•
Fixed AC mains lead (Bare Ends)
•
Class II power (no earth)
•
Small & Compact design
Description:
The Range of 60 watt AC/DC Installation Power supplies are offered in a low profile compact enclosure with 4 mounting tabs,
a fixed AC Input Cable and DC Output Cable, Single output voltage between 5vdc – 24vdc. These highly reliable power
supplies can be used in many indoor applications such as CCTV, Access control and Building Management Systems.
Specification
Part Code
SW4264B
Voltage
12Vdc
Current Max
5A
Power (Watts)
60W
Output Regulation
11.40Vmin. ~ 12.00Vtyp. ~ 12.60Vmax
Ripple & Noise
120mV
Protections
Over Voltage, Over Current, Short Circuit
Case Size (mm)
138x 56 x 37
Weight
370g
DC Cord
1.5m
DC Plug
Straight 2.1 C+ve
Rated Input Voltage
100-240Vac
Full Input Voltage Range
90-264Vac
Full Frequency Range
50-60Hz
Efficiency
≥87%
Input Current RMS Max
1.4A Max.
Inrush Current
80A Max. / 240Vac (Cold start at 25 ºCΔfull load)
Leakage Current
<0.25mA
Power Consumption
Pi ≤ 0. 5 W ( At 230Vac & No load)
AC Mains Lead
1.53m
Hi-Pot
3000Vac 10mA 1Min.
Operating Temperature
0°C to 40°C
Storage Temperature
-20°C to 80°C
Operating Humidity
20% to 80%
Storage Humidity
10% to 90%
Safety Approvals
CB
EMI Standards
CE Class B: Conduction and Radiation Met
MTBF
50K


Similar Part No. - SW4264B

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
SW4265 TTELEC-SW4265 Datasheet
242Kb / 2P
INSTALLATION POWER SUPPLY 24VDC 65WATT
01/06/2020
More results

Similar Description - SW4264B

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BWL-3A4A01H BRIGHT-BWL-3A4A01H Datasheet
229Kb / 5P
12VDC 4W AlInGaN White Low power consumption.
BWL-3A4A01H-H1 BRIGHT-BWL-3A4A01H-H1 Datasheet
244Kb / 5P
12VDC 4W AlInGaN White Low power consumption.
logo
Tumbler Technologies + ...
TMPC-300-1U TRUMPOWER-TMPC-300-1U Datasheet
27Kb / 1P
300W PC Power Supply for 1U Installation
TMPC-350-1U TRUMPOWER-TMPC-350-1U Datasheet
27Kb / 1P
350W PC Power Supply for 1U Installation
logo
rfsolutions.ltd
PSU-12V1AIN-IP-1 RFSOLUTIONS-PSU-12V1AIN-IP-1 Datasheet
234Kb / 3P
Waterproof 12Vdc Power Supply IP67
logo
OptoSupply Internationa...
OSBBXX OPTOSUPPLY-OSBBXX Datasheet
104Kb / 3P
Voltages available 12VDC
logo
Diodes Incorporated
AL8807EV4 DIODES-AL8807EV4 Datasheet
262Kb / 8P
12VDC and 12VAC input
MAY 2012
logo
rfsolutions.ltd
PSU-12V1AIN-IP RFSOLUTIONS-PSU-12V1AIN-IP Datasheet
1Mb / 3P
Waterproof 12Vdc Power Supply IP67
logo
Contec Co., Ltd
CPS-PWD-15AW12-01 CONTEC-CPS-PWD-15AW12-01 Datasheet
388Kb / 2P
12VDC AC-DC Power Supply Unit
logo
CINCON ELECTRONICS Corp...
LDP60 CINCON-LDP60 Datasheet
294Kb / 3P
60WATT OUTPUT LED POWER SUPPLY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com